Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62701YZFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62701YZFR
Description  2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62701YZFR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62701YZFR Datasheet HTML 1Page - Texas Instruments TPS62701YZFR Datasheet HTML 2Page - Texas Instruments TPS62701YZFR Datasheet HTML 3Page - Texas Instruments TPS62701YZFR Datasheet HTML 4Page - Texas Instruments TPS62701YZFR Datasheet HTML 5Page - Texas Instruments TPS62701YZFR Datasheet HTML 6Page - Texas Instruments TPS62701YZFR Datasheet HTML 7Page - Texas Instruments TPS62701YZFR Datasheet HTML 8Page - Texas Instruments TPS62701YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
TPS62700, TPS62701
SLVS784B – DECEMBER 2007 – REVISED JUNE 2008................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PART NUMBER(1)
PACKAGE
ORDERING
PACKAGE MARKING
–30°C to 85°C
TPS62700
WCSP 8 pin
TPS62700YZF
CKL
TPS62701
TPS62701YZF
CGJ
(1)
The package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range(2)
–0.3 to 7
V
Voltage range at EN, VCON(2)
–0.3 to VIN +0.3, ≤ 7
V
Voltage on SW(2)
–0.3 to 7
V
Peak output current(2)
internally limited
ESD rating(3)
HBM Human body model
2
kV
Machine model
200
V
TJ
Maximum operating junction temperature
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
POWER RATING
DERATING FACTOR
PACKAGE
RθJA
FOR TA ≤ 25°C
ABOVE TA = 25°C
YZF
110°C/W
900 mW
9 mW/°C
(1)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max) – TA] / θJA.
(2)
This thermal data is measured with high-K board (4 layers board according to JESD51-7 JEDEC standard).
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN, AVIN, PVIN
Supply voltage
2.5
6
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62700 TPS62701


Similar Part No. - TPS62701YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62701YZFR TI-TPS62701YZFR Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Similar Description - TPS62701YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700_0806 TI-TPS62700_0806 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
logo
National Semiconductor ...
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
   650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
LM3218SEE TI1-LM3218SEE Datasheet
4Mb / 18P
[Old version datasheet]   LM3218 650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com