Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT71V546 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT71V546
Description  128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT71V546 Datasheet(HTML) 4 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings(1)
Capacitance
(TA = +25°C, f = 1.0MHz, TQFP package)
Pin Configuration
Top View
TQFP
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDD
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDD
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDD
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDD
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDD
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDD
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDD
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDD
I/O1
I/O0
PK100-1
3821 drw 02
VDD(1)
I/O15
I/OP3
VDD
I/OP4
I/OP1
VDD
I/OP2
VSS
.
.
Symbol
Rating
Value
Unit
VTERM
(2)
Terminal Voltage
with Respect to GND
-0.5 to +4.6
V
VTERM(3)
Terminal Voltage
with Respect to GND
-0.5 to VDD+0.5
V
TA
Operating Temperature
0 to +70
oC
TBIAS
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-55 to +125
oC
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
3821 tbl 05
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect reliability.
2. VDD and Input terminals only.
3. I/O terminals.
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3821 tbl 06
NOTES:
1. Pin 14 does not have to be connected directly to VDD as long as the input voltage is > VIH.
2. Pins 83 and 84 are reserved for future A17 (8M) and A18 (16M) respectively.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn