Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT71V546 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT71V546
Description  128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT71V546 Datasheet(HTML) 3 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
6.42
3
IDT71V546, 128K x 36, 3.3V Synchronous SRAM with
ZBT
™ Feature, Burst Counter and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Functional Block Diagram
Recommended Operating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
Clk
DQ
DQ
DQ
Address A [0:16]
Control Logic
Address
Control
DI
DO
3821 drw 01
Clock
Data I/O [0:31], I/O P[1:4]
D
Q
Output Register
Mux
Sel
Gate
OE
CE1,CE2, CE2
R/
W
CEN
ADV/
LD
BWx
LBO
128K x 36 BIT
MEMORY ARRAY
.
Grade
Temperature
VSS
VDD
Commercial
0OC to +70OC0V
3.3V±5%
Industrial
-40OC to +85OC0V
3.3V±5%
3821 tbl 03
NOTES:
1. VIL (min.) = –1.0V for pulse width less than tCYC/2, once per cycle.
2. VIH (max.) = +6.0V for pulse width less than tCYC/2, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.135
3.3
3.465
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage - Inputs
2.0
____
4.6
V
VIH
Input High Voltage - I/O
2.0
____
VDD+0.3(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3821 tbl 04


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn