Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62621YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62621YFFR
Description  600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62621YFFR Datasheet(HTML) 1 Page - Texas Instruments

  TPS62621YFFR Datasheet HTML 1Page - Texas Instruments TPS62621YFFR Datasheet HTML 2Page - Texas Instruments TPS62621YFFR Datasheet HTML 3Page - Texas Instruments TPS62621YFFR Datasheet HTML 4Page - Texas Instruments TPS62621YFFR Datasheet HTML 5Page - Texas Instruments TPS62621YFFR Datasheet HTML 6Page - Texas Instruments TPS62621YFFR Datasheet HTML 7Page - Texas Instruments TPS62621YFFR Datasheet HTML 8Page - Texas Instruments TPS62621YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I -LoadCurrent-mA
O
0
20
40
60
80
100
120
140
160
180
200
V =3.6V,
V =1.8V
I
O
Efficiency
PFM/PWMOperation
PowerLoss
PFM/PWMOperation
VIN
SW
FB
MODE
EN
GND
VOUT
1.8 V @ 600mA
C
2.2 F
I
TPS6262x
L
0.47 H
C
4.7 F
O
VBAT
2.3 V .. 5.5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62620, TPS62621, TPS62622
TPS62623, TPS62624, TPS62625
SLVS848D – JULY 2009 – REVISED OCTOBER 2015
TPS6262x 600-mA, 6-MHz High-Efficiency Step-Down Converter
In Chip Scale Packaging
1 Features
3 Description
The TPS6262x device family provides high-frequency
1
Wide Input Voltage Range from 2.3 V to 5.5 V
synchronous step-down DC/DC converters optimized
6 MHz Regulated Frequency Operation
for battery-powered portable applications. Intended
90% Efficiency at 6 MHz Operation
for low-power applications, the TPS6262x devices
support up to 600 mA load current, and allow the use
31
μA Quiescent Current
of low cost chip inductor and capacitors.
Best in Class Load and Line Transient
With a wide input voltage range of 2.3 V to 5.5 V, the
±2% Total DC Voltage Accuracy
devices support applications powered by Li-Ion
Automatic PFM/PWM Mode Switching
batteries with extended voltage range. Different fixed
Low Ripple Light-Load PFM Mode
voltage output versions are available from 1.2 V to
2.3 V.
Internal Soft Start, 120-
μs Start-Up Time
Integrated Active Power-Down Sequencing
The TPS6262x devices operate at a regulated 6-MHz
(TPS62624 only)
switching frequency and enter the power-save mode
operation at light load currents to maintain high
Current Overload and Thermal Shutdown
efficiency over the entire load current range.
Protection
The pulse frequency modulation (PFM) mode extends
Three Surface-Mount External Components
the battery life by reducing the quiescent current to
Required (One MLCC Inductor, Two Ceramic
31
μA (typical) during light load and standby
Capacitors)
operation. For noise-sensitive applications, the device
Complete Sub 1-mm Component Profile Solution
can be forced into fixed frequency pulse width
Total Solution Size < 12 mm2
modulation (PWM) mode by pulling the MODE pin
high.
Available in a 6-Pin NanoFree™ (WCSP)
Regular and Ultra-Thin Packaging
The TPS6262x devices operate over a free air
temperature range of –40°C to 85°C. They are
2 Applications
available in a 6-pin chip-scale package (WCSP).
Mobile Phones, Smartphones
Device Information(1)
WLAN, GPS and Bluetooth™ Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DTV Tuner Applications
TPS6262x
DSBGA (6)
1.30 mm × 0.96 mm
DC/DC Micro Modules
(1) For all available packages, see the orderable addendum at
spacer
the end of the datasheet.
space
Typical Application Schematic
Efficiency vs. Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62621YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62621YFFR TI-TPS62621YFFR Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62621YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com