Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62660 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62660
Description  1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62660 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62660_16 Datasheet HTML 4Page - Texas Instruments TPS62660_16 Datasheet HTML 5Page - Texas Instruments TPS62660_16 Datasheet HTML 6Page - Texas Instruments TPS62660_16 Datasheet HTML 7Page - Texas Instruments TPS62660_16 Datasheet HTML 8Page - Texas Instruments TPS62660_16 Datasheet HTML 9Page - Texas Instruments TPS62660_16 Datasheet HTML 10Page - Texas Instruments TPS62660_16 Datasheet HTML 11Page - Texas Instruments TPS62660_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Gate Driver
Anti
Shoot-Through
Power Save Mode
Switching Logic
+
-
Frequency
Control
FB
R1
R2
SW
GND
Soft-Start
EN
VIN
Current Limit
Detect
Undervoltage
Lockout
Bias Supply
Bandgap
Thermal
Shutdown
Negative Inductor
Current Detect
VIN
MODE
V
= 0.8 V
REF
VREF
Copyright © 2016, Texas Instruments Incorporated
8
TPS62660, TPS62665
SLVS871D – FEBRUARY 2010 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS62660 TPS62665
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS6266x is a synchronous step-down converter typically operates at a regulated 6-MHz frequency pulse
width modulation (PWM) at moderate to heavy load currents. At light load currents, the TPS6266x converter
operates in power-save mode with pulse frequency modulation (PFM).
The converter uses a unique frequency-locked, ring-oscillating modulator to achieve best-in-class load and line
response and allows the use of tiny inductors and small ceramic input and output capacitors. At the beginning of
each switching cycle, the P-channel MOSFET switch is turned on and the inductor current ramps up rising the
output voltage until the main comparator trips, then the control logic turns off the switch.
One key advantage of the non-linear architecture is that there is no traditional feedback loop. The loop response
to change in VO is essentially instantaneous, which explains the transient response. The absence of a traditional,
high-gain compensated linear loop means that the TPS6266x is inherently stable over a range of L and CO.
Although this type of operation normally results in a switching frequency that varies with input voltage and load
current, an internal frequency lock loop (FLL) holds the switching frequency constant over a large range of
operating conditions.
Combined with best in class load and line transient response characteristics, the low quiescent current of the
device (ca. 31 μA) allows to maintain high efficiency at light load, while preserving fast transient response for
applications requiring tight output regulation.
8.2 Functional Block Diagram


Similar Part No. - TPS62660_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62660_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62660 TI-TPS62660_15 Datasheet
1Mb / 29P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62616 TI-TPS62616 Datasheet
749Kb / 27P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com