Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU40-48-12S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # SU40-48-12S
Description  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SU40-48-12S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  SU40-48-12S Datasheet HTML 1Page - Arch Electronics Corp. SU40-48-12S Datasheet HTML 2Page - Arch Electronics Corp. SU40-48-12S Datasheet HTML 3Page - Arch Electronics Corp. SU40-48-12S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : C_1
update : 2016.04.11
Encapsulated DC-DC Converter
SU40 SERIES
40 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
Model No. ( Dual、Triple Output )
SU40-12-5D
SU40-12-12D
SU40-12-15D
SU40-12-5S12D
SU40-12-5S15D
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
5V / 3500mA
12V / 1666mA
15V / 1320mA
5/
12V / 5000/600mA
5/
15V / 5000/500mA
Efficiency
82%
85%
85%
85%
85%
Model No. ( Dual、Triple Output )
SU40-24-5D
SU40-24-12D
SU40-24-15D
SU40-24-5S12D
SU40-24-5S15D
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
5V / 3500mA
12V / 1666mA
15V / 1320mA
5/
12V / 5000/600mA
5/
15V / 5000/500mA
Efficiency
83%
86%
86%
86%
86%
Model No. ( Dual、Triple Output )
SU40-48-5D
SU40-48-12D
SU40-48-15D
SU40-48-5S12D
SU40-48-5S15D
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
5V / 3500mA
12V / 1666mA
15V / 1320mA
5/
12V / 5000/600mA
5/
15V / 5000/500mA
Efficiency
84%
87%
87%
87%
87%
Model No.
( Dual、Triple Output )
SU40-12-5D
SU40-24-5D
SU40-48-5D
SU40-12-12D
SU40-24-12D
SU40-48-12D
SU40-12-15D
SU40-24-15D
SU40-48-15D
SU40-12-5S12D
SU40-24-5S12D
SU40-48-5S12D
SU40-12-5S15D
SU40-24-5S15D
SU40-48-5S15D
Max Output Wattage (W)
35W
40W
40W
40W
40W
Input
Input Filter
 type
Voltage (V.DC.)
5
12
15
5/
12
5/
15
Voltage Accuracy
2%
2% / 5%
Current (mA) max
3500
1666
1320
5000/
600
5000 /
500
Minimum Load
0%
10%
Line Regulation (LL-HL) (typ.)
0.5%
1% / 5%
Load Regulation (10-100%) (typ.)
2%
3% / 5%
Load Cross Regulation (min:25%load) (typ.)
Triple(main):
2%
Triple(auxiliary):
5%
Ripple
<0.2% Vout +20mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Trim
10%
None
Output
Switching Frequency
5V Output: 250KHz
12V Input: 200KHz
others: 400KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217E)
Dimension (L x W x H)
2.0 x 2.0 x 0.45 Inches ( 50.8 x 50.8 x 11.4 mm ) Tolerance
0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
70 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE (Pending)
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
NOTE
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
3. Please refer to our PDF file "DC-DC Application" on our website: www.archcorp.com.tw
OUTPUT NOISE
The output noise is measured with 10uF tantalum capacitor
and 0.1uF ceramic capacitor across output.


Similar Part No. - SU40-48-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SU40-48-12S ARCH-SU40-48-12S Datasheet
278Kb / 4P
   Encapsulated DC-DC Converter
More results

Similar Description - SU40-48-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com