Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62410 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62410
Description  2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62410 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62410_16 Datasheet HTML 2Page - Texas Instruments TPS62410_16 Datasheet HTML 3Page - Texas Instruments TPS62410_16 Datasheet HTML 4Page - Texas Instruments TPS62410_16 Datasheet HTML 5Page - Texas Instruments TPS62410_16 Datasheet HTML 6Page - Texas Instruments TPS62410_16 Datasheet HTML 7Page - Texas Instruments TPS62410_16 Datasheet HTML 8Page - Texas Instruments TPS62410_16 Datasheet HTML 9Page - Texas Instruments TPS62410_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
TPS62410
SLVS737A – FEBRUARY 2007 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
VIN = 3.6 V, VOUT = 1.8 V, EN = VIN, MODE = GND, L = 2.2 μH, COUT = 20 μF, TA = –40°C to 85°C typical values are at TA =
25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tvalACK
Acknowledge valid time
2
μs
ttimeout
Time-out for entering power-save
MODE/DATA Pin changes from high to low
520
μs
mode
POWER SWITCH
RDS(ON)
P-channel MOSFET on-
VIN = VGS = 3.6 V
280
620
m
resistance, converter 1, 2
ILK_PMOS
P-channel leakage current
VDS = 6.0 V
1
μA
RDS(ON)
N-channel MOSFET on-
VIN = VGS = 3.6 V
200
450
m
resistance converter 1, 2
ILK_SW1/SW Leakage current into SW1/SW2
Includes N-Chanel leakage current,
6
7.5
μA
2
pin
VIN = open, VSW = 6.0 V, EN = GND
(4)
ILIMF
Forward current
OUT 1/2 800
2.5 V
≤ VIN ≤ 6.0 V
1
1.2
1.38
A
limit PMOS and
mA
NMOS
TSD
Thermal shutdown
Increasing junction temperature
150
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OSCILLATOR
fSW
Oscillator frequency
2.5 V
≤ VIN ≤ 6.0 V
2
2.25
2.5
MHz
OUTPUT
VOUT
Adjustable output voltage range
0.6
VIN
V
Vref
Reference voltage
600
mV
Voltage positioning active, MODE/DATA =
VOUT (PFM)
GND, device operating in PFM mode, VIN =
–1.5%
1.01 x VOUT
2.5%
2.5 V to 5.0 V (6) (7)
DC output voltage accuracy PFM
MODE/DATA = GND; device operating in
mode, adjustable and fixed
–1%
0%
1%
PWM mode VIN = 2.5 V to 6.0 V
(7)
output voltage(5)
VIN = 2.5 V to 6.0 V, MODE/DATA = VIN ,
VOUT
Fixed PWM operation, 0 mA < IOUT <
–1%
0%
1%
IOUTMAX
(8)
DC output voltage load regulation PWM operation mode
0.5
%/A
tStart up
Start-up time
Activation time to start switching(9)
170
μs
tRamp
VOUT Ramp-up time
Time to ramp from 5% to 95% of VOUT
750
μs
(4)
At pins SW1 and SW2 an internal resistor of 1 M
Ω is connected to GND
(5)
Output voltage specification does not include tolerance of external voltage programming resistors
(6)
Configuration L typical 2.2
μH, COUT typical 20 μF, see parameter measurement information, the output voltage ripple depends on the
effective capacitance of the output capacitor, larger output capacitors lead to tighter output voltage tolerance
(7)
In power-save mode, PWM operation is typically entered at IPSM = VIN/32 Ω.
(8)
For VOUT >2. 2V, VIN min = VOUT +0.3 V
(9)
This time is valid if one converter turns from shutdown mode (EN2 = 0) to active mode (EN2 =1) and the other converter is already
enabled (that is, EN1 = 1). In case both converters are turned from shutdown mode (EN1 and EN2 = Low) to active mode (EN1 and/or
EN2 = 1) a value of typical 80
μs for ramp up of internal circuits needs to be added. After tStart the converter starts switching and ramps
VOUT.
6.6 Dissipation Ratings
PACKAGE
POWER RATING FOR TA ≤25°C
DERATING FACTOR ABOVE TA = 25°C
DRC
2050 mW
21 mW/°C
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS62410


Similar Part No. - TPS62410_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62410 TI-TPS62410_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS62410 2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON
More results

Similar Description - TPS62410_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62410 TI-TPS62410_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS62410 2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON
TPS62420 TI-TPS62420_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6242x 2.25-MHz 600-mA and 1000-mA Dual Step-Down Converter in Small 3-mm 횞 3-mm VSON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
[Old version datasheet]   TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com