Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA100-12S Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # SZA100-12S
Description  Open Frame Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SZA100-12S Datasheet(HTML) 5 Page - Arch Electronics Corp.

  SZA100-12S Datasheet HTML 1Page - Arch Electronics Corp. SZA100-12S Datasheet HTML 2Page - Arch Electronics Corp. SZA100-12S Datasheet HTML 3Page - Arch Electronics Corp. SZA100-12S Datasheet HTML 4Page - Arch Electronics Corp. SZA100-12S Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VER :A_2
update : 2016.09.01
AC-DC Switching Power Supply
SZA100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
EFFICIENCY VERSUS LOAD
SZA100-48S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
85.87
87.97
89.10
88.69
88.16
Load (%)
0
10
20
30
40
50
115V (%)
0.00
85.99
89.05
89.50
89.10
89.24
230V (%)
0.00
80.50
87.10
87.52
88.67
88.12
Load (%)
60
70
80
90
100
115V (%)
89.09
88.77
88.54
88.14
87.70
230V (%)
88.40
88.48
88.61
88.62
88.65
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90
115
180
230
264
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - SZA100-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
   Open Frame Switching Power Supply
logo
NXP Semiconductors
SZA1000 PHILIPS-SZA1000 Datasheet
164Kb / 32P
   QIC digital equalizer
1998 Feb 16
SZA1000H PHILIPS-SZA1000H Datasheet
164Kb / 32P
   QIC digital equalizer
1998 Feb 16
More results

Similar Description - SZA100-12S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
   Open Frame Switching Power Supply
AQF500 ARCH-AQF500 Datasheet
357Kb / 6P
   Open Frame Switching Power Supply
logo
CUI INC
VPD-25A CUI-VPD-25A Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
VPT-45B CUI-VPT-45B Datasheet
78Kb / 2P
   Open Frame Switching Power Supply
VPD-2505 CUI-VPD-2505 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
logo
List of Unclassifed Man...
VSUU-120-D285 ETC1-VSUU-120-D285 Datasheet
254Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
AQF120O-180W ARCH-AQF120O-180W_16 Datasheet
362Kb / 7P
   Open Frame Switching Power Supply
SZA60O ARCH-SZA60O_16 Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
AQF120O_SERIES ARCH-AQF120O_SERIES Datasheet
350Kb / 5P
   Open Frame Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com