Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA60O-5S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SZA60O-5S
Description  Open Frame Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SZA60O-5S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SZA60O-5S Datasheet HTML 1Page - Arch Electronics Corp. SZA60O-5S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : A_2
update : 2015.11.16
AC-DC Switching Power Supply
SZA60O SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
SZA60O-5S
SZA60O-12S
SZA60O-15S
SZA60O-24S
SZA60O-48S
Max Output Wattage (W)
50W
60W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
2 A max. (115 VAC) / 1 A max. (230 VAC)
Inrush Current (Cold Start)
35 A max. (115 VAC) / 70 A max. (230 VAC)
Leakage Current
0.75 mA max.
Input
No Load Input Power (<230 VAC)
<0.3W
Voltage (V.DC.)
5V
12V
15V
24V
48V
Voltage Accuracy
±2%
Current (mA) max
10,000
5,000
4,000
2,500
1,250
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load (at 230 VAC)
10,000 uF
5,000 uF
4,000 uF
2,000 uF
1,000 uF
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency (at 230V)
81%
87%
87%
88%
88%
Trim
±5%
Output
Hold-up Time (>115 VAC)
10 ms min.
Over Power Protection
Auto recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Auto recovery
Input-Output
(Note.3)
3000VAC or 4242VDC
Input-FG
(V.AC)
1500V
Isolation
Output-FG .(V.AC)
500V
Operating Temperature
-30°C…+70°C (with derating)
Storage Temperature
-50°C…+85°C
Temperature coefficient
±0.02%/°C
Humidity
95% RH
MTBF
>130,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
3.0 x 2.0 x 1.24 Inches ( 76.3 x 50.6 x 31.5 mm ) Tolerance
0.5 mm
Weight
150 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL60950
EMI
(Conducted & Radiated Emission)
EN 55022 Class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Open Frame Switching Power Supply
Universal Input: 90-264 VAC
Single Output
<0.3W No Load Input Power
5 VDC to 48 VDC Output
3Ultra Compact Size: 3.0 x 2.0 x 1.24 Inches
3-Year Product Warranty


Similar Part No. - SZA60O-5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
More results

Similar Description - SZA60O-5S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
   Open Frame Switching Power Supply
AQF500 ARCH-AQF500 Datasheet
357Kb / 6P
   Open Frame Switching Power Supply
logo
CUI INC
VPD-25A CUI-VPD-25A Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
VPT-45B CUI-VPT-45B Datasheet
78Kb / 2P
   Open Frame Switching Power Supply
VPD-2505 CUI-VPD-2505 Datasheet
82Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
SZA60O ARCH-SZA60O Datasheet
215Kb / 2P
   Open Frame Switching Power Supply
logo
List of Unclassifed Man...
VSUU-120-D285 ETC1-VSUU-120-D285 Datasheet
254Kb / 2P
   Open Frame Switching Power Supply
logo
Arch Electronics Corp.
AQF120O-180W ARCH-AQF120O-180W_16 Datasheet
362Kb / 7P
   Open Frame Switching Power Supply
AQF120O_SERIES ARCH-AQF120O_SERIES Datasheet
350Kb / 5P
   Open Frame Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com