Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62400-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62400-Q1
Description  2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62400-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62400-Q1 Datasheet HTML 7Page - Texas Instruments TPS62400-Q1 Datasheet HTML 8Page - Texas Instruments TPS62400-Q1 Datasheet HTML 9Page - Texas Instruments TPS62400-Q1 Datasheet HTML 10Page - Texas Instruments TPS62400-Q1 Datasheet HTML 11Page - Texas Instruments TPS62400-Q1 Datasheet HTML 12Page - Texas Instruments TPS62400-Q1 Datasheet HTML 13Page - Texas Instruments TPS62400-Q1 Datasheet HTML 14Page - Texas Instruments TPS62400-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TPS62400-Q1, TPS62402-Q1, TPS62404-Q1, TPS62405-Q1
www.ti.com
SLVSA67E – FEBRUARY 2010 – REVISED JUNE 2015
9 Detailed Description
9.1 Overview
The TPS62400-Q1 device includes two synchronous step-down converters. The converters operate with typically
2.25-MHz fixed-frequency pulse-width modulation (PWM) at moderate to heavy load currents. With the power-
safe mode enabled, the converters automatically enter power-save mode at light load currents and operate in
PFM (pulse frequency modulation).
During PWM operation, the converters use a unique fast-response voltage-mode controller scheme with input-
voltage feed-forward to achieve good line and load regulation, allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the P-channel MOSFET switch turns
on and the inductor current ramps up until the comparator trips and the control logic turns off the switch.
Each converter integrates two current limits, one in the P-channel MOSFET and another one in the N-channel
MOSFET. When the current in the P-channel MOSFET reaches its current limit, the P-channel MOSFET turns off
and the N-channel MOSFET turns on. If the current in the N-channel MOSFET is above the N-MOS current limit
threshold, the N-channel MOSFET remains on until the current drops below its current limit.
The two DC-DC converters operate synchronized to each other. A 180° phase shift between converter 1 and
converter 2 decreases the input rms current.
9.1.1 Converter 1
In the adjustable output-voltage version, TPS62400-Q1 device, one can set the converter 1 default output
voltage via an external resistor network on the DEF_1 pin, which operates as an analog input. In this case, one
can set the output voltage in the range of 0.6 V to VIN V. The FB1 pin must directly connect to the converter 1
output voltage VOUT1. It feeds back the output voltage directly to the regulation loop.
One can also change the output voltage of converter 1 with the EasyScale serial Interface. This makes the
device very flexible for output-voltage adjustment. In this case, the device uses an internal resistor network.
In the fixed default output voltage version, TPS62402-Q1 for example, the DEF_1 pin configuration is as a digital
input. Converter 1 defaults to 1.2 V or 1.8 V, depending on the level of the DEF_1 pin. If DEF_1 is low, the
default is 1.2 V; if high, the default is 1.8 V. With the EasyScale interface, one can change the output voltage for
each DEF_1 pin condition (high or low).
9.1.2 Converter 2
In the adjustable output-voltage version, TPS62400-Q1 device, an external resistor divider connected to ADJ2
pin sets the converter 2 output voltage. The converter uses an external feed-forward capacitor of 33 pF.
In fixed output-voltage version TPS62402-Q1 for example, the fixed default output voltage is fixed to 3.3 V. In
this case, the ADJ2 pin must connect directly to the converter 2 output voltage,VOUT2.
It is also possible to change the output voltage of converter 2 via the EasyScale interface. In this case, the ADJ2
pin must connect directly to converter 2 output voltage VOUT2, with no connection of external resistors permitted.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62400-Q1 TPS62402-Q1 TPS62404-Q1 TPS62405-Q1


Similar Part No. - TPS62400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
More results

Similar Description - TPS62400-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com