Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUHD1C101 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUHD1C101
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUHD1C101 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUHD1C101 Datasheet HTML 1Page - Panasonic Semiconductor EEUHD1C101 Datasheet HTML 2Page - Panasonic Semiconductor EEUHD1C101 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
· When requesting taped product, please put the letter “B” or “H” between the “( )”. Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping dimensions”.
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(120 Hz)
(+105 °C)
(mA r.m.s.)
tan
d
(120 Hz)
(+20 °C)
Endurance
(hours)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽H
50
2.2
5
11
18
0.12
1000
0.5
2.0
5.0
2.5
EEUHD1H2R2( )
200
2000
3.3
5
11
22
0.12
1000
0.5
2.0
5.0
2.5
EEUHD1H3R3( )
200
2000
4.7
5
11
26
0.12
1000
0.5
2.0
5.0
2.5
EEUHD1H4R7( )
200
2000
10
5
11
39
0.12
1000
0.5
2.0
5.0
2.5
EEUHD1H100( )
200
2000
22
5
11
65
0.12
1000
0.5
2.0
5.0
2.5
EEUHD1H220( )
200
2000
33
5
11
90
0.12
1000
0.5
2.0
5.0
2.5
EEUHD1H330( )
200
2000
47
6.3
11.2
110
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H470( )
200
2000
68
6.3
11.2
110
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H680( )
200
2000
100
8
11.5
180
0.12
1000
0.6
3.5
5.0
EEUHD1H101( )
200
1000
220
10
12.5
300
0.12
2000
0.6
5.0
5.0
EEUHD1H221( )
200
500
330
10
16
410
0.12
2000
0.6
5.0
5.0
EEUHD1H331( )
200
500
470
10
20
530
0.12
2000
0.6
5.0
5.0
EEUHD1H471( )
200
500
560
16
15
650
0.12
2000
0.8
7.5
7.5
EEUHD1H561S( )
100
250
680
16
15
650
0.12
2000
0.8
7.5
7.5
EEUHD1H681S( )
100
250
1000
12.5
25
950
0.12
2000
0.6
5.0
5.0
EEUHD1H102( )
200
500
2200
16
31.5
1470
0.14
2000
0.8
7.5
EEUHD1H222
100
3300
18
35.5
1770
0.16
2000
0.8
7.5
EEUHD1H332
50
Endurance : 105 °C
05 to 08=1000 h, 010 to 018=2000 h
Mar. 2016
05


Similar Part No. - EEUHD1C101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUHD1C101 PANASONIC-EEUHD1C101 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Battery Group
EEUHD1C101 PANASONICBATTERY-EEUHD1C101 Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Semiconductor
EEUHD1C101 PANASONIC-EEUHD1C101 Datasheet
82Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
More results

Similar Description - EEUHD1C101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com