Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62233DRYT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62233DRYT
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62233DRYT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62233DRYT Datasheet HTML 1Page - Texas Instruments TPS62233DRYT Datasheet HTML 2Page - Texas Instruments TPS62233DRYT Datasheet HTML 3Page - Texas Instruments TPS62233DRYT Datasheet HTML 4Page - Texas Instruments TPS62233DRYT Datasheet HTML 5Page - Texas Instruments TPS62233DRYT Datasheet HTML 6Page - Texas Instruments TPS62233DRYT Datasheet HTML 7Page - Texas Instruments TPS62233DRYT Datasheet HTML 8Page - Texas Instruments TPS62233DRYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
1
2
3
6
5
4
MODE
SW
VIN
FB
EN
GND
5
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
www.ti.com
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
DRY Package
6-Pin USON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO
VIN
3
Power
VIN power supply pin
GND
4
Power
GND supply pin
EN
5
Input
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown mode.
Pulling this pin to high enables the device. This pin must be terminated except for the
TPS622319, which has an integrated 1MΩ always active pull-down resistor.
SW
2
Output
This is the switch pin and is connected to the internal MOSFET switches. Connect the inductor to
this terminal
FB
6
Input
Feedback pin for the internal regulation loop. Connect this pin directly to the output capacitor.
MODE
1
Input
MODE pin = High forces the device to operate in PWM mode. Mode = Low enables the power
save mode with automatic transition from pulse frequency modulation (PFM) to pulse width
modulation (PWM) mode. This pin must be terminated except for the TPS622319 , which has an
integrated 1MΩ always active pull-down resistor.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Voltage at VIN and SW pin(2)
–0.3
7
V
Voltage at EN, MODE pin (2)
–0.3
VIN +0.3, ≤7
V
Voltage at FB pin(2)
–0.3
3.6
V
Peak output current
Internally limited
A
Power dissipation
Internally limited
TJ
Operating junction Temperature Range
–40
150
°C
Tstg Storage Temperature Range
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charge- device model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
±1000


Similar Part No. - TPS62233DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62233DRYT TI-TPS62233DRYT Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS62233DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com