Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62232DRYT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62232DRYT
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62232DRYT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62232DRYT Datasheet HTML 5Page - Texas Instruments TPS62232DRYT Datasheet HTML 6Page - Texas Instruments TPS62232DRYT Datasheet HTML 7Page - Texas Instruments TPS62232DRYT Datasheet HTML 8Page - Texas Instruments TPS62232DRYT Datasheet HTML 9Page - Texas Instruments TPS62232DRYT Datasheet HTML 10Page - Texas Instruments TPS62232DRYT Datasheet HTML 11Page - Texas Instruments TPS62232DRYT Datasheet HTML 12Page - Texas Instruments TPS62232DRYT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
www.ti.com
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS6223x synchronous step-down DC – DC converter family includes a unique hysteretic PWM controller
scheme which enables switch frequencies over 3 MHz, excellent transient and AC load regulation as well as
operation with cost-competitive external components.
The controller topology supports forced PWM mode as well as power-save mode operation. Power-save mode
operation reduces the quiescent current consumption down to 22 μA and ensures high conversion efficiency at
light loads by skipping switch pulses. In forced PWM mode, the device operates on a quasi-fixed frequency,
avoids pulse skipping, and allows filtering of the switch noise by external filter components.
The TPS6223x devices offer fixed output voltage options featuring smallest solution size by using only three
external components.
The internal switch current limit of typical 850 mA supports output currents of up to 500 mA, depending on the
operating condition.
A significant advantage of TPS6223x compared to other hysteretic PWM controller topologies is its excellent DC
and AC load regulation capability in combination with low-output voltage ripple over the entire load range which
makes this part well suited for audio and RF applications.
Once the output voltage falls below the threshold of the error comparator, a switch pulse is initiated, and the
high-side switch is turned on. It remains turned on until a minimum ON-time of tONmin expires and the output
voltage trips the threshold of the error comparator or the inductor current reaches the high-side switch current
limit. Once the high-side switch turns off, the low-side switch rectifier is turned on and the inductor current ramps
down until the high-side switch turns on again or the inductor current reaches zero.
In forced PWM mode operation, negative inductor current is allowed to enable continuous conduction mode even
at no load condition.


Similar Part No. - TPS62232DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62232DRYT TI-TPS62232DRYT Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62232DRYT TI-TPS62232DRYT Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS62232DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com