Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS622313DRYR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS622313DRYR
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS622313DRYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS622313DRYR Datasheet HTML 4Page - Texas Instruments TPS622313DRYR Datasheet HTML 5Page - Texas Instruments TPS622313DRYR Datasheet HTML 6Page - Texas Instruments TPS622313DRYR Datasheet HTML 7Page - Texas Instruments TPS622313DRYR Datasheet HTML 8Page - Texas Instruments TPS622313DRYR Datasheet HTML 9Page - Texas Instruments TPS622313DRYR Datasheet HTML 10Page - Texas Instruments TPS622313DRYR Datasheet HTML 11Page - Texas Instruments TPS622313DRYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
PMOS
2
2.5
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
2
2.5
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
NMOS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
2
2.5
3
3.5
4
4.5
5
5.5
6
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
V
-InputVoltage-V
IN
10
15
20
25
30
35
2
2.5
3
3.5
4
4.5
5
5.5
6
V
-InputVoltage-V
IN
T =85°C
A
T =60°C
A
T =25°C
A
T =-40°C
A
8
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. Quiescent Current IQ vs Ambient Temperature TA
Figure 2. Shutdown Current ISD vs Ambient Temperature TA
Figure 3. PMOS RDSON vs Supply Voltage VIN and Ambient
Temperature TA
Figure 4. NMOS RDSON vs Supply Voltage VIN and Ambient
Temperature TA


Similar Part No. - TPS622313DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS622313 TI-TPS622313 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS622313 TI1-TPS622313 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS622313DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com