Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62260IDRVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260IDRVRQ1
Description  2.25-MHz 600-mA STEP-DOWN CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62260IDRVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62260IDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 9Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 10Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 11Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 12Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 13Page - Texas Instruments TPS62260IDRVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
TimeBase-20 s/Div
m
V
3.6V
V
1.5V
I
50mA to200mA
MODE=
IN
OUT
OUT
V
IN
I
200mA/Div
OUT
V
50mV/Div
OUT
I
COIL
500mA/Div
TimeBase-20
s/Div
m
I
200mA/Div
OUT
V
50mV/Div
OUT
I
COIL
500mA/Div
200mA
400mA
V
3.6V
V
1.5V
I
200mA to400mA
IN
OUT
OUT
TimeBase-2.5 s/Div
m
MODE
2V/Div
SW
2V/Div
I
COIL
200mA/Div
V
=3.6V
V
=1.8V
I
=10mA
IN
OUT
OUT
PFMMode
ForcedPWMMode
EN2V/Div
SW2V/Div
V
2V/Div
OUT
I
100mA/Div
IN
V
=3.6V
R
=10
V
=1.8V
I
intoC
MODE=GND
IN
Load
OUT
IN
IN
Ω
TimeBase-100 s/Div
m
TPS62260-Q1, TPS62261-Q1
TPS62262-Q1, TPS62263-Q1
SLVSA16C – AUGUST 2009 – REVISED JULY 2012
www.ti.com
MODE PIN TRANSITION FROM PWM
TO PFM MODE AT LIGHT LOAD
START-UP TIMING
Figure 15.
Figure 16.
LOAD TRANSIENT
LOAD TRANSIENT
(Forced PWM Mode)
(Forced PWM Mode)
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62260-Q1 TPS62261-Q1 TPS62262-Q1 TPS62263-Q1


Similar Part No. - TPS62260IDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260IDRVRQ1 TI1-TPS62260IDRVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results

Similar Description - TPS62260IDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com