Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62230DRYT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62230DRYT
Description  2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62230DRYT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62230DRYT Datasheet HTML 1Page - Texas Instruments TPS62230DRYT Datasheet HTML 2Page - Texas Instruments TPS62230DRYT Datasheet HTML 3Page - Texas Instruments TPS62230DRYT Datasheet HTML 4Page - Texas Instruments TPS62230DRYT Datasheet HTML 5Page - Texas Instruments TPS62230DRYT Datasheet HTML 6Page - Texas Instruments TPS62230DRYT Datasheet HTML 7Page - Texas Instruments TPS62230DRYT Datasheet HTML 8Page - Texas Instruments TPS62230DRYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
TPS62230, TPS62231, TPS62232, TPS62233, TPS62234, TPS62235, TPS62236
TPS62237, TPS62238, TPS62239, TPS622310, TPS622311, TPS622312
TPS622313, TPS622314, TPS622315, TPS622316, TPS622317, TPS622318, TPS622319
SLVS941G – APRIL 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS62230 TPS62231 TPS62232 TPS62233 TPS62234 TPS62235 TPS62236 TPS62237
TPS62238 TPS62239 TPS622310 TPS622311 TPS622312 TPS622313 TPS622314 TPS622315 TPS622316
TPS622317 TPS622318 TPS622319
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
For detailed ordering information see the PACKAGE OPTION ADDENDUM at the end of this data sheet.
5 Device Comparison Table
PART NUMBER(1)
OUTPUT VOLTAGE
FREQUENCY
[MHz]
Pulldown
EN, MODE
PACKAGE
MARKING
TPS62230
2.5 V
3
no
GV
TPS62231
1.8 V
3
no
GW
TPS62232
1.2 V
3
no
GX
TPS62239
1.0 V
3
no
OP
TPS622311
1.1V
2
no
PA
TPS622315
1.15V
2
no
RI
TPS62235
1.2V
2
no
OQ
TPS622318
1.25V
3
no
ST
TPS622319
1.2V
2
yes
3O
TPS622313
1.3 V
3
no
QF
TPS622314
1.5 V
3
no
QG
TPS62236
1.85V
2
no
OR
TPS622312
2.0 V
3
no
QE
TPS62234
2.1 V
3
no
OH
TPS62238
2.25 V
3
no
ON
TPS622310
2.3 V
3
no
OT
TPS622316
2.7 V
3
no
RJ
TPS622317
2.9 V
3
no
RK
TPS62233
3.0 V
3
no
OG
TPS62237
3.3 V
2
no
OS


Similar Part No. - TPS62230DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230DRYT TI-TPS62230DRYT Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230DRYT TI-TPS62230DRYT Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS62230DRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62231-Q1 TI1-TPS62231-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz Ultra-Small Step-Down Converter
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com