Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62180YZFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62180YZFT
Description  4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62180YZFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62180YZFT Datasheet HTML 4Page - Texas Instruments TPS62180YZFT Datasheet HTML 5Page - Texas Instruments TPS62180YZFT Datasheet HTML 6Page - Texas Instruments TPS62180YZFT Datasheet HTML 7Page - Texas Instruments TPS62180YZFT Datasheet HTML 8Page - Texas Instruments TPS62180YZFT Datasheet HTML 9Page - Texas Instruments TPS62180YZFT Datasheet HTML 10Page - Texas Instruments TPS62180YZFT Datasheet HTML 11Page - Texas Instruments TPS62180YZFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
1
1
3
1
3
3
1
7
SW1
SW2
FB*
VIN2
1
EN*
SS/TR
PG
HS1
HS2
phase shift
HS2
power
control
Power Save
Mode
HS1
gm
VREF
master
follower
PG control
Thermal
Shutdown
UVLO
control logic
delay
off-timer
VIN
tm
tf
gmout
VO
VIN
3
VIN1
VIN1
VIN2
VO
GND
*Pin is connected to a pull down resistor internally
(see Feature Description section)
AEE
TM
HICCUP
VIN
60
EN
gate
drive
R1
R2
TPS62180, TPS62182
SLVSBB8A – AUGUST 2014 – REVISED AUGUST 2014
www.ti.com
Functional Block Diagram (continued)
Figure 7. TPS62182 (Fixed output voltage)
9.3 Feature Description
9.3.1 Enable / Shutdown (EN)
The device starts operation, when VIN is present and Enable (EN) is set High. The EN threshold is 1 V for rising
and 0.9 V for falling voltages, providing a threshold accuracy of ±3%. That makes it suitable for precise switching
on and off in accurate power sequencing arrangements as well as for slowly rising EN control voltage signals
(see Using the Accurate EN Threshold for more details).
The device is disabled by pulling EN Low. A discharge resistor of about 60
Ω is then connected to the output. At
the EN pin, an internal pull down resistor of about 350 k
Ω keeps the Low state, if EN gets high impedance or
floating afterwards.
The EN pin can be connected to VIN to always enable the device. A delay of 1 ms, after VIN exceeds VUVLO,
ensures safe operating conditions before the device starts switching. If VIN is already present, a soft start
sequence is initiated about 100 µs after EN is pulled High.
9.3.2 Soft Start / Tracking (SS/TR)
The soft start circuit controls the output voltage slope during startup. This avoids excessive inrush current and
ensures a controlled output voltage rise time. It also prevents unwanted voltage drop from high impedance power
sources or batteries. When EN is set to start device operation, the device starts switching and VOUT rises with a
slope, controlled by the external capacitor connected to the SS/TR pin. It is not recommended to leave the
SS/TR pin floating, because VOUT may overshoot. Typical startup operation is shown in Application Performance
Curves.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62180 TPS62182


Similar Part No. - TPS62180YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
More results

Similar Description - TPS62180YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS62184 TI1-TPS62184_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI-TPS62870-Q1_V01 Datasheet
2Mb / 60P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED JANUARY 2023
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS62870-Q1 TI-TPS62870-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Automotive, Stackable, Synchronous Step-Down Converters with Fast Transient Response
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com