Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62184YZFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62184YZFT
Description  4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62184YZFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62184YZFT Datasheet HTML 6Page - Texas Instruments TPS62184YZFT Datasheet HTML 7Page - Texas Instruments TPS62184YZFT Datasheet HTML 8Page - Texas Instruments TPS62184YZFT Datasheet HTML 9Page - Texas Instruments TPS62184YZFT Datasheet HTML 10Page - Texas Instruments TPS62184YZFT Datasheet HTML 11Page - Texas Instruments TPS62184YZFT Datasheet HTML 12Page - Texas Instruments TPS62184YZFT Datasheet HTML 13Page - Texas Instruments TPS62184YZFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ú
û
ù
ê
ë
é
+
+
=
2
1
)
(
(min)
(min)
//
2
L
L
ON
DS
OUT
OUT
IN
DCR
DCR
R
I
V
V
L
PSM
load
I
I
D
=
)
(
TPS62184
SLVSCQ5A – DECEMBER 2014 – REVISED FEBRUARY 2015
www.ti.com
Device Functional Modes (continued)
Figure 7. Typical Fixed Peak Current (IPEAK) in Power Save Mode
space
If the load decreases to very light loads and only one phase is needed, either phase (master or follower) might
be active. The load current level at which Power Save Mode is entered is calculated as follows:
spacing
(5)
spacing
Equation 7 is used to calculate
ΔIL.
8.4.3 Minimum Duty Cycle and 100% Mode Operation
When the input voltage comes close to the output voltage, the device enters 100% mode and both high-side
FETs are continuously switched on as long as VOUT remains below its setpoint. The minimum VIN to maintain
output voltage regulation is calculated as:
spacing
(6)
spacing
This allows the conversion of small input to output voltage differences, for example for longest operation time in
battery powered applications. In 100% duty cycle mode, the low-side FET is switched off.
While the maximum ON-time is not limited, the AEE feature, explained in the next section, secures a minimum
ON-time of about 100 ns.
8.4.4 Automatic Efficiency Enhancement (AEE™)
AEE™ provides highest efficiency over the entire input voltage and output voltage range by automatically
adjusting the converter's switching frequency. This is achieved by setting the predictive off-time of the converter.
The efficiency of a switched mode converter is determined by the power losses during the conversion. The
efficiency decreases, if VOUT decreases and/or VIN increases. In order to keep the efficiency high over the entire
duty cycle range (VOUT/VIN ratio), the switching frequency is adjusted while maintaining the ripple current. The
following equation shows the relation between the inductor ripple current, switching frequency and duty cycle.
spacing
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS62184


Similar Part No. - TPS62184YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
More results

Similar Description - TPS62184YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS62180 TI1-TPS62180_16 Datasheet
1Mb / 35P
[Old version datasheet]   4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com