Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62180YZFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62180YZFR
Description  4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62180YZFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62180YZFR Datasheet HTML 7Page - Texas Instruments TPS62180YZFR Datasheet HTML 8Page - Texas Instruments TPS62180YZFR Datasheet HTML 9Page - Texas Instruments TPS62180YZFR Datasheet HTML 10Page - Texas Instruments TPS62180YZFR Datasheet HTML 11Page - Texas Instruments TPS62180YZFR Datasheet HTML 12Page - Texas Instruments TPS62180YZFR Datasheet HTML 13Page - Texas Instruments TPS62180YZFR Datasheet HTML 14Page - Texas Instruments TPS62180YZFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
÷
÷
÷
÷
ø
ö
ç
ç
ç
ç
è
æ
×
-
×
=
÷÷
ø
ö
çç
è
æ
×
-
×
=
D
SW
IN
OUT
OUT
SW
OUT
L
f
L
V
V
V
f
L
D
V
I
1
1
TPS62180, TPS62182
www.ti.com
SLVSBB8A – AUGUST 2014 – REVISED AUGUST 2014
Device Functional Modes (continued)
spacing
This allows the conversion of small input to output voltage differences, for example for lthe ongest operation time
in battery powered applications. In 100% duty cycle mode, the low-side FET is switched off.
While the maximum ON-time is not limited, the AEE feature, explained in the next section, secures a minimum
ON-time of about 100 ns.
9.4.4 Automatic Efficiency Enhancement (AEE)
AEE provides highest efficiency over the entire input voltage and output voltage range by automatically adjusting
the converter's switching frequency. This is achieved by setting the predictive off-time of the converter.
The efficiency of a switched mode converter is determined by the power losses during the conversion. The
efficiency decreases, if VOUT decreases and/or VIN increases. In order to keep the efficiency high over the entire
duty cycle range (VOUT/VIN ratio), the switching frequency is adjusted while maintaining the ripple current. The
following equation shows the relation between the inductor ripple current, switching frequency and duty cycle.
spacing
(7)
spacing
Efficiency increases by decreasing switching losses, preserving high efficiency for varying duty cycles, while the
ripple current amplitude remains low enough to deliver the full output current without reaching current limit. The
AEE feature provides an efficiency enhancement for various duty cycles, especially for lower Vout values, where
fixed frequency converters suffer from a significant efficiency drop. Furthermore, this feature compensates for the
very small duty cycles of high VIN to low VOUT conversion, which limits the control range in other topologies.
Figure 9 shows the typical switching frequency over the input voltage range.
space
Figure 9. Typical Switching Frequency vs Input Voltage
space
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62180 TPS62182


Similar Part No. - TPS62180YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
More results

Similar Description - TPS62180YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS62184 TI1-TPS62184_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI-TPS62870-Q1_V01 Datasheet
2Mb / 60P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED JANUARY 2023
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS62870-Q1 TI-TPS62870-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Automotive, Stackable, Synchronous Step-Down Converters with Fast Transient Response
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com