Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62180 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62180
Description  4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62180 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62180_16 Datasheet HTML 1Page - Texas Instruments TPS62180_16 Datasheet HTML 2Page - Texas Instruments TPS62180_16 Datasheet HTML 3Page - Texas Instruments TPS62180_16 Datasheet HTML 4Page - Texas Instruments TPS62180_16 Datasheet HTML 5Page - Texas Instruments TPS62180_16 Datasheet HTML 6Page - Texas Instruments TPS62180_16 Datasheet HTML 7Page - Texas Instruments TPS62180_16 Datasheet HTML 8Page - Texas Instruments TPS62180_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1µH
1µH
2x
47µF
3.3V/6A
TPS62182
470k
SW1
SW2
VO
PG
FB
VIN1
VIN2
EN
SS/TR
4 to 15 V
22µF
3.3nF
22µF
GND
space
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62180, TPS62182
SLVSBB8A – AUGUST 2014 – REVISED AUGUST 2014
TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE™
1 Features
3 Description
The TPS6218x is a synchronous dual-phase step-
1
Dual Phase Balanced Peak Current Mode
down DC-DC converter for low profile power rails. It
Input Voltage Range: 4 V to 15 V
operates with two identical, current balanced phases
Output Voltage Range: 0.9 V to 6 V
that are peak current controlled enabling use in
height limited applications.
Output Current up to 6 A
Typical Quiescent Current of 28 µA
With a wide operating input voltage range of 4 V to
15 V, the device is ideally suited for systems powered
Output Voltage Accuracy of ±1% (PWM Mode)
from multi-cell Li-Ion batteries or 12-V rails. The
Automatic Efficiency Enhancement (AEE™)
output current of 6 A is continuously provided by two
Phase Shifted Operation
phases of 3 A each, allowing the use of low profile
external components. The phases operate out of
Automatic Power Save Mode
phase, reducing switching noise significantly.
Adjustable Soft Start
The TPS6218x automatically enters Power Save
Power Good Output
Mode to maintain high efficiency down to very light
Undervoltage Lockout
loads. It also incorporates an Automatic Efficiency
HICCUP Over Current Protection
Enhancement (AEE™) for the entire duty cycle range.
Over Temperature Protection
The device features a Power Good signal, as well as
NanoFree™ 2.14 mm x 3.14 mm DSBGA
an adjustable soft start. The quiescent current is
Package
typically 28 µA, it is able to run in 100% mode, and it
has no duty cycle limitation even at lowest output
2 Applications
voltage.
Low Profile POL Supply
The TPS6218x, available in adjustable and fixed
output voltage options, is packaged in a small 24-
NVDC Powered Systems
bump, 0.5 mm pitch DSBGA package.
Dual/Triple Cell Li-ion Battery
Ultra Portable/Embedded/Tablet PC
Device Information(1)
Computing Network Solutions
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Micro Server, SSD
TPS62180
DSBGA (24)
2.14 mm x 3.14 mm
TPS62182
DSBGA (24)
2.14 mm x 3.14 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
spacing
4 Simplified Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62180_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
More results

Similar Description - TPS62180_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62180 TI-TPS62180_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6218x 4-V to 15-V, 6-A, 2-Phase Step-Down Converters with AEE?
TPS62184 TI1-TPS62184_16 Datasheet
1Mb / 32P
[Old version datasheet]   4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE
TPS62184 TI-TPS62184_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS62184 4-V to 17-V, 6-A, 2-Phase Step-Down Converter with AEE?
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS62870 TI-TPS62870 Datasheet
2Mb / 58P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
JANUARY 2022
TPS62870 TI1-TPS62870_V01 Datasheet
1Mb / 59P
[Old version datasheet]   TPS6287x 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step-Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI1-TPS62870-Q1_V02 Datasheet
2Mb / 62P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED OCTOBER 2023
TPS62870-Q1 TI-TPS62870-Q1_V01 Datasheet
2Mb / 60P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Stackable, Synchronous Step- Down Converters with Fast Transient Response
REVISED JANUARY 2023
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
TPS62870-Q1 TI-TPS62870-Q1 Datasheet
2Mb / 57P
[Old version datasheet]   TPS6287x-Q1 2.7-V to 6-V Input, 6-A, 9-A, 12-A, 15-A, Automotive, Stackable, Synchronous Step-Down Converters with Fast Transient Response
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com