Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62172 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62172
Description  3-V to17-V 0.5-A Step-Down Converters with DCS-Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62172 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62172 Datasheet HTML 1Page - Texas Instruments TPS62172 Datasheet HTML 2Page - Texas Instruments TPS62172 Datasheet HTML 3Page - Texas Instruments TPS62172 Datasheet HTML 4Page - Texas Instruments TPS62172 Datasheet HTML 5Page - Texas Instruments TPS62172 Datasheet HTML 6Page - Texas Instruments TPS62172 Datasheet HTML 7Page - Texas Instruments TPS62172 Datasheet HTML 8Page - Texas Instruments TPS62172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
TPS62170-Q1, TPS62171-Q1, TPS62172-Q1
www.ti.com
SLVSCK7A – DECEMBER 2014 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62170-Q1 TPS62171-Q1 TPS62172-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
The device is still functional down to Under Voltage Lockout (see parameter VUVLO).
(2)
Current into VIN pin.
(3)
This is the static current limit. It can be temporarily higher in applications due to internal propagation delay (see Current Limit and Short
Circuit Protection).
(4)
For fixed voltage versions, the (internal) resistive feedback divider is included.
(5)
The accuracy in Power Save Mode can be improved by increasing the COUT value, reducing the output voltage ripple.
(6)
Line and load regulation are depending on external component selection and layout (see Figure 14 and Figure 15).
6.5 Electrical Characteristics
over junction temperature range (TJ = –40°C to +125°C), typical values at VIN = 12 V and TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range(1)
3
17
V
IQ
Operating quiescent current
EN = High, IOUT = 0 mA, Device not switching
17
30
µA
ISD
Shutdown current(2)
EN = Low
1.8
25
µA
VUVLO
Undervoltage lockout threshold
Falling input voltage
2.6
2.7
2.82
V
Hysteresis
180
mV
TSD
Thermal shutdown temperature
160
°C
Thermal shutdown hysteresis
20
CONTROL (EN, PG)
VEN_H
High-level input threshold voltage (EN)
0.9
V
VEN_L
Low-level input threshold voltage (EN)
0.3
V
ILKG_EN
Input leakage current (EN)
EN = VIN or GND
0.01
1
µA
VTH_PG
Power Good threshold voltage
Rising (%VOUT)
92%
95%
98%
Falling (%VOUT)
87%
90%
93%
VOL_PG
Power Good output low
IPG = –2 mA
0.07
0.3
V
ILKG_PG
Input leakage current (PG)
VPG = 1.8 V
1
400
nA
POWER SWITCH
RDS(ON)
High-side MOSFET ON-resistance
VIN ≥ 6 V
300
600
VIN = 3 V
430
Low-side MOSFET ON-resistance
VIN ≥ 6 V
120
200
VIN = 3 V
165
ILIMF
High-side MOSFET forward current limit(3)
VIN = 12 V, TA = 25°C
0.85
1.05
1.35
A
OUTPUT
VREF
Internal reference voltage
0.8
V
ILKG_FB
Pin leakage current (FB)
TPS62170-Q1, VFB = 1.2 V
5
400
nA
VOUT
Output voltage range
TPS62170-Q1, VIN ≥ VOUT
0.9
6.0
V
Feedback voltage accuracy(4)
PWM Mode operation, VIN ≥ VOUT + 1 V
–3%
3%
Power Save Mode operation, COUT = 22 µF
(5)
–3.5%
4%
DC output voltage load regulation(6)
VIN = 12 V, VOUT = 3.3 V, PWM Mode operation
0.05
% / A
DC output voltage line regulation (6)
3 V
≤ VIN ≤ 17 V, VOUT = 3.3 V, IOUT = 0.5 A,
PWM Mode operation
0.02
% / V


Similar Part No. - TPS62172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62172 TI1-TPS62172 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62172DSG TI1-TPS62172DSG Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62172DSGR TI1-TPS62172DSGR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62172DSGR TI1-TPS62172DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62172DSGT TI1-TPS62172DSGT Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com