Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62172-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62172-Q1
Description  3-V to17-V 0.5-A Step-Down Converters with DCS-Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62172-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62172-Q1 Datasheet HTML 3Page - Texas Instruments TPS62172-Q1 Datasheet HTML 4Page - Texas Instruments TPS62172-Q1 Datasheet HTML 5Page - Texas Instruments TPS62172-Q1 Datasheet HTML 6Page - Texas Instruments TPS62172-Q1 Datasheet HTML 7Page - Texas Instruments TPS62172-Q1 Datasheet HTML 8Page - Texas Instruments TPS62172-Q1 Datasheet HTML 9Page - Texas Instruments TPS62172-Q1 Datasheet HTML 10Page - Texas Instruments TPS62172-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
control logic
Soft
start
Thermal
Shtdwn
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
VIN
PG
PGND
AGND
comp
comp
+
_
timer tON
DCS - Control
TM
direct control
&
compensation
comparator
ramp
SW
EN
*
VOS
FB
Copyright © 2016, Texas Instruments Incorporated
7
TPS62170-Q1, TPS62171-Q1, TPS62172-Q1
www.ti.com
SLVSCK7A – DECEMBER 2014 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62170-Q1 TPS62171-Q1 TPS62172-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS6217x-Q1 synchronous switched mode power converters are based on DCS-Control™ (Direct Control
with Seamless transition into power save mode), an advanced regulation topology, that combines the advantages
of hysteretic, voltage mode and current mode control including an AC loop directly associated to the output
voltage. This control loop takes information about output voltage changes and feeds it directly to a fast
comparator stage. It sets the switching frequency, which is constant for steady state operating conditions, and
provides immediate response to dynamic load changes. To get accurate DC load regulation, a voltage feedback
loop is used. The internally compensated regulation network achieves fast and stable operation with small
external components and low ESR capacitors.
The DCS-ControlTM topology supports PWM (Pulse Width Modulation) mode for medium and heavy load
conditions and a Power Save Mode at light loads. During PWM, it operates at its nominal switching frequency in
continuous conduction mode. This frequency is typically about 2.25 MHz with a controlled frequency variation
depending on the input voltage. If the load current decreases, the converter enters Power Save Mode to sustain
high efficiency down to very light loads. In Power Save Mode the switching frequency decreases linearly with the
load current. Since DCS-ControlTM supports both operation modes within one single building block, the transition
from PWM to Power Save Mode is seamless without effects on the output voltage.
7.2 Functional Block Diagram
* This pin is connected to a pull down resistor internally (see Feature Description section).


Similar Part No. - TPS62172-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62172 TI1-TPS62172 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62172DSG TI1-TPS62172DSG Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62172DSGR TI1-TPS62172DSGR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62172DSGR TI1-TPS62172DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62172DSGT TI1-TPS62172DSGT Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62172-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com