Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62171-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62171-Q1
Description  3-V to17-V 0.5-A Step-Down Converters with DCS-Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62171-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62171-Q1 Datasheet HTML 1Page - Texas Instruments TPS62171-Q1 Datasheet HTML 2Page - Texas Instruments TPS62171-Q1 Datasheet HTML 3Page - Texas Instruments TPS62171-Q1 Datasheet HTML 4Page - Texas Instruments TPS62171-Q1 Datasheet HTML 5Page - Texas Instruments TPS62171-Q1 Datasheet HTML 6Page - Texas Instruments TPS62171-Q1 Datasheet HTML 7Page - Texas Instruments TPS62171-Q1 Datasheet HTML 8Page - Texas Instruments TPS62171-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
TPS62170-Q1, TPS62171-Q1, TPS62172-Q1
SLVSCK7A – DECEMBER 2014 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS62170-Q1 TPS62171-Q1 TPS62172-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Pin voltage(2)
VIN
–0.3
20
V
EN
–0.3
VIN+0.3
SW
-0.3
VIN+0.3
V
FB, PG, VOS
–0.3
7
V
Power Good sink current
PG
10
mA
Operating junction temperature range, TJ
–40
125
°C
Storage temperature range, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2000
V
Charged device model (CDM), per AEC Q100-011
±500
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
Supply voltage
3
17
V
VOUT
Output voltage range
0.9
6
V
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, .
6.4 Thermal Information
THERMAL METRIC(1)
TPS6217x-Q1
UNIT
DSG (8 PINS)
RθJA
Junction-to-ambient thermal resistance
61.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.3
RθJB
Junction-to-board thermal resistance
15.5
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
15.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
8.6


Similar Part No. - TPS62171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62171 TI1-TPS62171 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSG TI1-TPS62171DSG Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSGR TI1-TPS62171DSGR Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62171DSGR TI1-TPS62171DSGR Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
TPS62171DSGT TI1-TPS62171DSGT Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com