Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6215x Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS6215x
Description  3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6215x Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS6215x Datasheet HTML 3Page - Texas Instruments TPS6215x Datasheet HTML 4Page - Texas Instruments TPS6215x Datasheet HTML 5Page - Texas Instruments TPS6215x Datasheet HTML 6Page - Texas Instruments TPS6215x Datasheet HTML 7Page - Texas Instruments TPS6215x Datasheet HTML 8Page - Texas Instruments TPS6215x Datasheet HTML 9Page - Texas Instruments TPS6215x Datasheet HTML 10Page - Texas Instruments TPS6215x Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
0
20
40
60
80
100
120
140
160
180
200
0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
3
6
9
12
15
18
20
0
20
40
60
80
100
0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
3
6
9
12
15
18
20
7
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
www.ti.com
SLVSAL5D – NOVEMBER 2011 – REVISED SEPTEMBER 2016
Product Folder Links: TPS62150 TPS62150A TPS62151 TPS62152 TPS62153
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. Quiescent Current
Figure 2. Shutdown Current
Figure 3. High-Side Switch Resistance
Figure 4. Low-Side Switch Resistance


Similar Part No. - TPS6215x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6215XA-Q1 TI1-TPS6215XA-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS6215x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com