Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62160 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62160
Description  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62160 Datasheet HTML 3Page - Texas Instruments TPS62160 Datasheet HTML 4Page - Texas Instruments TPS62160 Datasheet HTML 5Page - Texas Instruments TPS62160 Datasheet HTML 6Page - Texas Instruments TPS62160 Datasheet HTML 7Page - Texas Instruments TPS62160 Datasheet HTML 8Page - Texas Instruments TPS62160 Datasheet HTML 9Page - Texas Instruments TPS62160 Datasheet HTML 10Page - Texas Instruments TPS62160 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
control logic
Soft
start
Thermal
Shtdwn
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
VIN
PG
PGND
AGND
comp
comp
+
_
timer tON
DCS - Control
TM
direct control
&
compensation
comparator
ramp
SW
EN
*
VOS
FB
* This pin is connected to a pull down resistor internally
(see Detailed Description section).
TPS62160-Q1
www.ti.com
SLVSCK6 – DECEMBER 2014
8 Detailed Description
8.1 Overview
The TPS62160-Q1 synchronous switched mode power converter is based on DCS-Control™ (Direct Control with
Seamless transition into power
save mode), an advanced regulation topology, that combines the advantages of hysteretic, voltage mode and
current mode control including an AC loop directly associated to the output voltage. This control loop takes
information about output voltage changes and feeds it directly to a fast comparator stage. It sets the switching
frequency, which is constant for steady state operating conditions, and provides immediate response to dynamic
load changes. To get accurate DC load regulation, a voltage feedback loop is used. The internally compensated
regulation network achieves fast and stable operation with small external components and low ESR capacitors.
The DCS-Control™ topology supports PWM (Pulse Width Modulation) mode for medium and heavy load
conditions and a Power Save Mode at light loads. During PWM, it operates at its nominal switching frequency in
continuous conduction mode. This frequency is typically about 2.25 MHz with a controlled frequency variation
depending on the input voltage. If the load current decreases, the converter enters Power Save Mode to sustain
high efficiency down to very light loads. In Power Save Mode the switching frequency decreases linearly with the
load current. Since DCS-Control™ supports both operation modes within one single building block, the transition
from PWM to Power Save Mode is seamless without effects on the output voltage.
8.2 Functional Block Diagram
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62160-Q1


Similar Part No. - TPS62160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160 TI-TPS62160 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com