Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH10-24-5S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SH10-24-5S
Description  Power Module for PCB Mountable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SH10-24-5S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SH10-24-5S Datasheet HTML 1Page - Arch Electronics Corp. SH10-24-5S Datasheet HTML 2Page - Arch Electronics Corp. SH10-24-5S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : B_0
update : 2012.01.20
Encapsulated DC-DC Converter
SH10 SERIES
10 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
SH10-12-3.3S
SH10-12-5S
SH10-12-12S
SH10-12-15S
SH10-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V/2500mA
5V/2000mA
12V/830mA
15V/670mA
24V/416mA
Efficiency (typ.)
82%
83%
86%
86%
86%
Capacitor Load (max)
2200
μF
2200
μF
560
μF
470
μF
100
μF
Model No. ( Single Output )
SH10-24-3.3S
SH10-24-5S
SH10-24-12S
SH10-24-15S
SH10-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V/2500mA
5V/2000mA
12V/830mA
15V/670mA
24V/416mA
Efficiency (typ.)
82%
85%
86%
86%
86%
Capacitor Load (max)
2200
μF
2200
μF
560
μF
470
μF
100
μF
Model No. ( Single Output )
SH10-48-3.3S
SH10-48-5S
SH10-48-12S
SH10-48-15S
SH10-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V/2500mA
5V/2000mA
12V/830mA
15V/670mA
24V/416mA
Efficiency (typ.)
82%
85%
86%
86%
86%
Capacitor Load (max)
2200
μF
2200
μF
560
μF
470
μF
100
μF
Model No.
( Single Output )
SH10-12-3.3S
SH10-24-3.3S
SH10-48-3.3S
SH10-12-5S
SH10-24-5S
SH10-48-5S
SH10-12-12S
SH10-24-12S
SH10-48-12S
SH10-12-15S
SH10-24-15S
SH10-48-15S
SH10-12-24S
SH10-24-24S
SH10-48-24S
Max Output Wattage (W)
10W
Input
Input Filter
π type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage Accuracy
±2%
Current (mA) max
2500
2000
830
670
416
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±3%
±1%
±1%
±1%
±1%
Minimum Load
0%
Ripple
50 mV
max.
1%
max.
Noise
50 mV
max.
1%
max.
Output
Switching Frequency
300KHz
Over Power Protection
Above 105% Rated Output Power
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+60°C (at Full Load)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.25 x 0.8 x 0.44 Inches ( 31.8 x 20.3 x 11.2 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
20 g
Physical
Cooling Method
Free-air convection
KEY FEATURES
Power Module for PCB Mountable
High Efficiency and Reliability
2:1 Input Range
Single and Dual Output
Regulated Output
Low Ripple and Noise
3-Years Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - SH10-24-5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SH10-24-5S ARCH-SH10-24-5S Datasheet
169Kb / 3P
   Encapsulated DC-DC Converter
More results

Similar Description - SH10-24-5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com