Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF30-48-3.3S Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # SF30-48-3.3S
Description  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SF30-48-3.3S Datasheet(HTML) 3 Page - Arch Electronics Corp.

  SF30-48-3.3S Datasheet HTML 1Page - Arch Electronics Corp. SF30-48-3.3S Datasheet HTML 2Page - Arch Electronics Corp. SF30-48-3.3S Datasheet HTML 3Page - Arch Electronics Corp. SF30-48-3.3S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : E_0
update : 2012.01.20
Encapsulated DC-DC Converter
SF30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
DERATING
REMOTE ON/OFF CONTROL & TRIM
BLOCK DIAGRAM
Single Output
Output Voltage (V.DC) : 2.5V, 3.3V, 5V
Output Voltage (V.DC) : 12V, 15V, 24V


Similar Part No. - SF30-48-3.3S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SF30-48-3.3S ARCH-SF30-48-3.3S Datasheet
260Kb / 4P
   Encapsulated DC-DC Converter
More results

Similar Description - SF30-48-3.3S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com