Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF30-48-2.5S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # SF30-48-2.5S
Description  Power Module for PCB Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SF30-48-2.5S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  SF30-48-2.5S Datasheet HTML 1Page - Arch Electronics Corp. SF30-48-2.5S Datasheet HTML 2Page - Arch Electronics Corp. SF30-48-2.5S Datasheet HTML 3Page - Arch Electronics Corp. SF30-48-2.5S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : E_0
update : 2012.01.20
Encapsulated DC-DC Converter
SF30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
( Dual Output )
SF30-24-5D
SF30-48-5D
SF30-24-12D
SF30-48-12D
SF30-24-15D
SF30-48-15D
Max Output Wattage (W)
30W
Input
Input Filter
π type
Voltage (V.DC.)
±5
±12
±15
Voltage Accuracy
±2%
Current (mA) max
±3000
±1250
±1000
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Ripple
±1%
Noise
±1%
Trim
±10%
Output
Switching Frequency
250KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.6 x 0.47 Inches ( 50.8 x 40.6 x 11.9 mm ) Tolerance
±0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
58 g
Physical
Cooling Method
Free-air convection
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
OUTPUT NOISE
The output noise is measured with 10
μF tantalum capacitor and 0.1μF ceramic capacitor across output.
MECHANICAL DIMENSION
( Top View )
PIN#
Single
Dual
1
CTRL
CTRL
2
-DC IN
-DC IN
3
+DC IN
+DC IN
4
TRIM
TRIM
5
-DC OUT
-DC OUT
6
+DC OUT
COMMON
7
NO PIN
+DC OUT


Similar Part No. - SF30-48-2.5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SF30-48-2.5S ARCH-SF30-48-2.5S Datasheet
260Kb / 4P
   Encapsulated DC-DC Converter
More results

Similar Description - SF30-48-2.5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
   Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
   Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
   Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
   Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
   Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
   Power Module for PCB Mountable
ST60 ARCH-ST60 Datasheet
191Kb / 2P
   Power Module for PCB Mountable
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
   Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
   Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com