Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLH42245 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FXLH42245
Description  Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Bushold Data Inputs and 3-STATE Outputs and 26??Series Resisto
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLH42245 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FXLH42245 Datasheet HTML 1Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 2Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 3Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 4Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 5Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 6Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 7Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 8Page - Fairchild Semiconductor FXLH42245 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 4: VCCI = the VCC associated with the data input under test.
Note 5: VCCO = the VCC associated with the output under test.
Note 6: An external driver must source at least the specified current to switch LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch HIGH-to-LOW.
Note 8: Don’t Care
= Any valid logic level.
Note 9: Reflects current per supply, VCCA or VCCB.
Symbol
Parameter
Conditions
VCCI
VCCO
Min
Typ
Max
Units
(V)
(V)
II(HOLD)
Bushold Input
VIN = 0.8
3.0
3.0
75.0
µA
Minimum Drive Current
VIN = 2.0
3.0
3.0
−75.0
VIN = 0.7
2.3
2.3
45.0
VIN = 1.6
2.3
2.3
−45.0
VIN = 0.57
1.65
1.65
25.0
VIN = 1.07
1.65
1.65
−25.0
VIN = 0.49
1.4
1.4
11.0
VIN = 0.91
1.4
1.4
−11.0
VIN = 0.11
1.1
1.1
4.0
VIN = 0.99
1.1
1.1
−4.0
II(OD)
Bushold Input Over-drive
(Note 6)
3.6
3.6
450
µA
(Note 6)
Current-to-Change State
(Note 7)
3.6
3.6
−450
(Note 7)
(Note 6)
2.7
2.7
300
(Note 7)
2.7
2.7
−300
(Note 6)
1.95
1.95
200
(Note 7)
1.95
1.95
−200
(Note 6)
1.6
1.6
120
(Note 7)
1.6
1.6
−120
(Note 6)
1.4
1.4
80.0
(Note 7)
1.4
1.4
−80.0
IOFF
Power Off Leakage Current
An, VI or VO = 0V to 3.6V
0
3.6
±10.0
µA
Bn, VI or VO = 0V to 3.6V
3.6
0
±10.0
IOZ
3-STATE Output Leakage
An, Bn
OE
= V
IH
3.6
3.6
±10.0
µA
(Note 8)
VO, VCC or GND
Bn,
OE
= Don’t Care
0
3.6
+10.0
VI = VIH or VIL
An,
OE
= Don’t Care
3.6
0
+10.0
ICCA/B
Quiescent Supply Current
VI = VCCI or GND; IO = 0
1.1 - 3.6
1.1 - 3.6
20.0
µA
(Note 9)
ICCZ
Quiescent Supply Current
VI = VCCI or GND; IO = 0
1.1 - 3.6
1.1 - 3.6
20.0
µA
(Note 9)
ICCA
Quiescent Supply Current
VI = VCCA or GND; IO = 0
0
1.1 - 3.6
−10.0
µA
VI = VCCA or GND; IO = 0
1.1 - 3.6
0
10.0
ICCB
Quiescent Supply Current
VI = VCCB or GND; IO = 0
1.1 - 3.6
0
−10.0
µA
VI = VCCB or GND; IO = 0
0
1.1 - 3.6
10.0
∆I
CCA/B
Increase in ICC per Input;
VIH = 3.0
3.6
3.6
500
µA
Other Inputs at VCC or GND


Similar Part No. - FXLH42245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLH42245 ONSEMI-FXLH42245 Datasheet
570Kb / 14P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
June 2009 Rev. 1.0.3
FXLH42245MPX ONSEMI-FXLH42245MPX Datasheet
570Kb / 14P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator
June 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FXLH42245MPX FAIRCHILD-FXLH42245MPX_09 Datasheet
330Kb / 12P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
FXLH42245 FAIRCHILD-FXLH42245_09 Datasheet
330Kb / 12P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
More results

Similar Description - FXLH42245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLH42245 FAIRCHILD-FXLH42245_09 Datasheet
330Kb / 12P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Bushold Data Inputs, 3-State Outputs and 26廓 Series Resistors in the B-Port Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLH1T45 FAIRCHILD-FXLH1T45 Datasheet
338Kb / 11P
   Low Voltage 1-Bit Bi-directional Level Translator with Configurable Voltage Supplies and Bushold Data Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com