Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4271-35JI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4271-35JI
Description  16K/32K x 9 Deep Sync FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4271-35JI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4271-35JI Datasheet HTML 2Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 3Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 4Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 5Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 6Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 7Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 8Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 9Page - Cypress Semiconductor CY7C4271-35JI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C4261
CY7C4271
Document #: 38-06015 Rev. *B
Page 6 of 18
Maximum Ratings[4]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
.......................................−65
°C to +150°C
Ambient Temperature with
Power Applied
....................................................−55
°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High-Z State
............................................−0.5V to V
CC + 0.5V
DC Input Voltage..........................................
−0.5V to V
cc+0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial[5]
−40
°C to +85°C
5V
± 10%
Military
−55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range[6]
Parameter
Description
Test Conditions
7C4261/71
− 10 7C4261/71− 15 7C4261/71− 25 7C4261/71− 35
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage VCC = Min.,
IOH = −2.0 mA
2.42.4
2.42.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.40.4
0.40.4
V
VIH
Input HIGH Voltage
(comm./ind.)
2.0
VCC
2.0
VCC
2.0
VCC
2.0
VCC
V
VIH
Input HIGH Voltage
(military)
2.2
VCC
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage
−0.5
0.8
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage Current VCC = Max.
−10
+10
−10
+10
−10
+10
−10
+10
µA
IOZL
IOZH
Output OFF,
High Z Current
OE
> V
IH,
VSS < VO< VCC
−10
+10
−10
+10
−10
+10
−10
+10
µA
ICC1
[7]
Active Power Supply
Current
Com’l
35353535
mA
Ind/Mil
40404040
mA
ISB
[8]
Average Standby
Current
Com’l
10101010
mA
Ind/Mil
15151515
mA
Capacitance[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
5pF
COUT
Output Capacitance
7
pF
AC Test Loads and Waveforms[10, 11]
Notes:
4.
The voltage on any input or I/O pin cannot exceed the power pin during power-up.
5.
TA is the “instant on” case temperature.
6.
See the last page of this specification for Group A subgroup testing information.
7.
Input signals switch from 0V to 3V with a rise/fall time of less than 3 ns, clocks and clock enables switch at maximum frequency 20 Mhz, while data inputs switch
at 10 MHz. Outputs are unloaded. ICC1(typical) = (20 mA + (freq – 20 MHz) * (0.7 mA/MHz)).
8.
All inputs = VCC – 0.2V, except WCLK and RCLK (which are switching at frequency = 20 MHz). All outputs are unloaded.
9.
Tested initially and after any design or process changes that may affect these parameters.
10. CL = 30 pF for all AC parameters except for tOHZ.
11. CL = 5 pF for tOHZ.
3.0V
5V
OUTPUT
R11.1KW
R2
680
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤3ns
≤ 3 ns
ALL INPUT PULSES
OUTPUT
1.91V
Equivalent to:
THÉVENIN EQUIVALENT
420


Similar Part No. - CY7C4271-35JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4271-35JI CYPRESS-CY7C4271-35JI Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
More results

Similar Description - CY7C4271-35JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4275 CYPRESS-CY7C4275 Datasheet
281Kb / 21P
   32K/64Kx18 Deep Sync FIFOs
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4255V CYPRESS-CY7C4255V_02 Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com