Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3103H20DVB Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3103H20DVB
Description  ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3103H20DVB Datasheet(HTML) 2 Page - Texas Instruments

  TPS3103H20DVB Datasheet HTML 1Page - Texas Instruments TPS3103H20DVB Datasheet HTML 2Page - Texas Instruments TPS3103H20DVB Datasheet HTML 3Page - Texas Instruments TPS3103H20DVB Datasheet HTML 4Page - Texas Instruments TPS3103H20DVB Datasheet HTML 5Page - Texas Instruments TPS3103H20DVB Datasheet HTML 6Page - Texas Instruments TPS3103H20DVB Datasheet HTML 7Page - Texas Instruments TPS3103H20DVB Datasheet HTML 8Page - Texas Instruments TPS3103H20DVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004
www.ti.com
2
description (continued)
The TPS3103 and TPS3106 have an active-low, open drain RESET output. The TPS3110 has an active-low
push/pull RESET.
The product spectrum is designed for supply voltages of 0.9 V up to 3.3 V. The circuits are available in a 6-pin
SOT-23 package. The TPS31xx family is characterized for operation over a temperature range of −40
°C
to 85
°C.
AVAILABLE OPTIONS
DEVICE
RESET OUTPUT
RSTSENSE,
RSTVDD OUTPUT
SENSE
INPUT
WDI
INPUT
PFO OUTPUT
TPS3103
n Open drain
n Open drain
TPS3106
n Open drain
n
TPS3110
n Push-pull
n
n
PACKAGE INFORMATION
TA
DEVICE NAME
THRESHOLD VOLTAGE,
VIT
MARKING
TPS3103E12DBVR‡
TPS3103E12DBVT§
1.142 V
PFWI
TPS3103E15DBVR‡
TPS3103E15DBVT§
1.434 V
PFXI
TPS3103H20DBVR‡
TPS3103H20DBVT§
1.84 V
PFYI
TPS3103K33DBVR‡
TPS3103K33DBVT§
2.941 V
PGRI
TPS3106E09DBVR{‡
TPS3106E09DBVT§
0.86 V
PFZI
−40
°C to 85°C
TPS3106E16DBVR‡
TPS3106E16DBVT§
1.521 V
PGSI
−40 C to 85 C
TPS3106K33DBVR‡
TPS3106K33DBVT§
2.941 V
PGBI
TPS3110E09DBVR‡
TPS3110E09DBVT§
0.86 V
PGII
TPS3110E12DBVR‡
TPS3110E12DBVT§
1.142 V
PGJI
TPS3110E15DBVR‡
TPS3110E15DBVT§
1.434 V
PGKI
TPS3110K33DBVR{‡
TPS3110K33DBVT§
2.941 V
PGLI
† TPS3106E09 and TPS3110K33 will be available in August 2001; all other versions will be available in October 2001.
‡ The DBVR passive indicates tape and reel of 3000 parts.
§ The DBVT passive indicates tape and reel of 250 parts.


Similar Part No. - TPS3103H20DVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103H20DBVR TI-TPS3103H20DBVR Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103H20DBVR TI-TPS3103H20DBVR Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103H20DBVR TI1-TPS3103H20DBVR Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103H20DBVR TI1-TPS3103H20DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3103H20DBVRG4 TI-TPS3103H20DBVRG4 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results

Similar Description - TPS3103H20DVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com