Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB180SA10 Datasheet(PDF) 7 Page - International Rectifier

Part # FB180SA10
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

FB180SA10 Datasheet(HTML) 7 Page - International Rectifier

  FB180SA10 Datasheet HTML 1Page - International Rectifier FB180SA10 Datasheet HTML 2Page - International Rectifier FB180SA10 Datasheet HTML 3Page - International Rectifier FB180SA10 Datasheet HTML 4Page - International Rectifier FB180SA10 Datasheet HTML 5Page - International Rectifier FB180SA10 Datasheet HTML 6Page - International Rectifier FB180SA10 Datasheet HTML 7Page - International Rectifier FB180SA10 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FB180SA10
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
·
dv/dt controlled by RG
·
Driver same type as D.U.T.
·
ISD controlled by Duty Factor "D"
·
D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
·
Low Stray Inductance
·
Ground Plane
·
Low Leakage Inductance
Current Transformer

*


Similar Part No. - FB180SA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FB180SA10P VISHAY-FB180SA10P Datasheet
189Kb / 9P
   Power MOSFET, 180 A
Revision: 30-Jul-10
FB180SA10P VISHAY-FB180SA10P Datasheet
174Kb / 9P
   Power MOSFET, 180 A
02-Oct-12
FB180SA10P VISHAY-FB180SA10P_V01 Datasheet
174Kb / 9P
   Power MOSFET, 180 A
02-Oct-12
More results

Similar Description - FB180SA10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com