Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCN-24S Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # ATCN-24S
Description  A C -D C Power Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ATCN-24S Datasheet(HTML) 4 Page - Arch Electronics Corp.

  ATCN-24S Datasheet HTML 1Page - Arch Electronics Corp. ATCN-24S Datasheet HTML 2Page - Arch Electronics Corp. ATCN-24S Datasheet HTML 3Page - Arch Electronics Corp. ATCN-24S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VER : A_4
update : 2015.11.27
AC-DC Power Module
ATCN SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
EFFICIENCY VERSUS LOAD
ATCN-15S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
80.6
82.6
82.9
82.7
83.1
Load (%)
10
20
30
40
50
115V (%)
85.9
83.3
85.7
84.7
85.4
230V (%)
74.0
78.5
79.9
81.7
82.3
Load (%)
60
70
80
90
100
115V (%)
83.4
84.5
85.1
84.6
83.2
230V (%)
81.7
84.0
84.3
84.0
82.6
50.00%
52.50%
55.00%
57.50%
60.00%
62.50%
65.00%
67.50%
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
90
115
180
230
264
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ATCN-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
79.9
82.3
84.9
85.8
84.2
Load (%)
10
20
30
40
50
115V (%)
79.5
86.3
84.6
86.5
85.4
230V (%)
70.1
80.0
79.5
80.7
81.7
Load (%)
60
70
80
90
100
115V (%)
87.3
84.6
83.8
83.0
82.7
230V (%)
83.2
80.0
81.6
83.7
86.3
50.00%
52.50%
55.00%
57.50%
60.00%
62.50%
65.00%
67.50%
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
90
115
180
230
264
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - ATCN-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ATCN ARCH-ATCN Datasheet
222Kb / 5P
   Switching Power Module for PCB Mountable
More results

Similar Description - ATCN-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
AIC ARCH-AIC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
logo
Tyco Electronics
2-1419136-2 MACOM-2-1419136-2 Datasheet
398Kb / 3P
   Power Relay RM C/D
logo
Wurth Elektronik GmbH &...
178946001 WURTH-178946001 Datasheet
5Mb / 4P
   MagI³C Power Module Evaluation Board
Version 2.0
logo
Powerbox
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
logo
Fairchild Semiconductor
SMBJ33CA FAIRCHILD-SMBJ33CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ30CA FAIRCHILD-SMBJ30CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ6V5CA FAIRCHILD-SMBJ6V5CA Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A-SMBJ170(C)A
SMBJ16CA FAIRCHILD-SMBJ16CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
logo
Powerbox
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com