Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC30-5S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ATC30-5S
Description  A C -D C P o w e r M o d u le
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ATC30-5S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ATC30-5S Datasheet HTML 1Page - Arch Electronics Corp. ATC30-5S Datasheet HTML 2Page - Arch Electronics Corp. ATC30-5S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_6
update : 2015.11.16
AC-DC Power Module
ATC30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
DERATING
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated
Model No.
( Single Output )
ATC30-3.3S
ATC30-5S
ATC30-12S
ATC30-15S
ATC30-24S
Safety
Agency Approvals
CE, UL/cUL, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMS (Noise Immunity)
EN 55024
ESD
EN61000-4-2 air ± 8kV , Contact ± 4kV (A)
Radiated Immunity
EN61000-4-3 3V/m
(A)
Fast Transient
EN61000-4-4 ± 1kV
(A)
Surge
EN61000-4-5 ±1kV
(A)
Conducted Immunity
EN61000-4-6 3Vrms
(A)
PFMF
EN61000-4-8 1A/m (A)
EMC
Dips
EN61000-4-11 30% 500ms (A)
NOTE
1. Please check the derating carve for more details.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
3. It's necessary to add Varistor 14S561K at L / N input side in parallel.
4. Please refer to our PDF file "AC-DC Application" on our website: www.archcorp.com.tw
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
PIN#
Single
1
AC IN (N)
2
AC IN (L)
3
-DC OUT
4
NO PIN
5
+DC OUT


Similar Part No. - ATC30-5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ATC30-5S ARCH-ATC30-5S Datasheet
418Kb / 4P
   AC-DC Power Module
More results

Similar Description - ATC30-5S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MTC30 ARCH-MTC30_18 Datasheet
204Kb / 3P
   AC - D C I T E & M e d i c a l P o w e r M o d u l e
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
   D C / D C C O N V E R T E R M O D U L E
logo
E-Tech Electronics LTD
GDTL494 ETL-GDTL494 Datasheet
251Kb / 5P
   V O L T A G E M O D E P W M C O N T R O L C II R C U II T
logo
Powerbox
DVC500 POWERBOX-DVC500 Datasheet
233Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
   D C / D C A U T O M O T I V E C O N V E R T E R
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
   P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com