Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1585AMX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN1585AMX
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585AMX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN1585AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 9Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 10Page - Fairchild Semiconductor FAN1585AMX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
FAN1585A
REV. 1.1.5 11/7/03
7
Figure 11. Basic Regulator Circuit
Load Regulation
It is not possible to provide true remote load sensing because
the FAN1585A series are three-terminal devices. Load regu-
lation is limited by the resistance of the wire connecting the
regulators to the load. Load regulation per the data sheet
specification is measured at the bottom of the package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the ground pin of the device returned
to the negative side of the load. This is illustrated in Figure 12.
Figure 12. Connection for Best Load Regulation
For adjustable voltage devices, negative side sensing is a true
Kelvin connection with the bottom of the output divider
returned to the negative side of the load. The best load regu-
lation is obtained when the top of the resistor divider R1 con-
nects directly to the regulator output and not to the load.
Figure 13 illustrates this point.
If R1 connects to the load, then the effective resistance
between the regulator and the load would be:
RP x (1 + R2/R1), RP = Parasitic Line Resistance
The connection shown in Figure 13 does not multiply RP by
the divider ratio. As an example, RP is about four milliohms
per foot with 16-gauge wire. This translates to 4mV per foot
at 1A load current. At higher load currents, this drop repre-
sents a significant percentage of the overall regulation. It is
important to keep the positive lead between the regulator and
the load as short as possible and to use large wire or PC
board traces.
Figure 13. Connection for Best Load Regulation
Thermal Considerations
The FAN1585A series protect themselves under overload
conditions with internal power and thermal limiting circuitry.
However, for normal continuous load conditions, do not
exceed maximum junction temperature ratings. It is impor-
tant to consider all sources of thermal resistance from junc-
tion-to-ambient. These sources include the junction-to-case
resistance, the case-to-heat sink interface resistance, and the
heat sink resistance. Thermal resistance specifications have
been developed to more accurately reflect device tempera-
ture and ensure safe operating temperatures.
For example, look at using an FAN1585AT to generate 5A
@ 1.5V ± 2% from a 3.3V source (3.2V to 3.6V).
Assumptions:
•VIN = 3.6V worst case
•VOUT = 1.46V worst case
•IOUT = 5A continuous
•TA = 50°C
θCase-to-Ambient = 3°C/W (assuming both a heatsink and
a thermally conductive material)
The power dissipation in this application is:
PD = (VIN – VOUT) * (IOUT) = (3.6 – 1.46) * (5) = 10.7W
From the specification table:
TJ = TA + (PD) * (θCase-to-Ambient + θJC)
= 50 + (10.7) * (3 + 3) = 115
°C
The junction temperature is below the maximum rating.
FAN1585A
ADJ
IADJ
35
µA
R2
R1
C2
22
µF
VOUT
VREF
+
C1
22
µF
+
IN
VOUT = VREF (1 + R2/R1) + IADJ (R2)
OUT
VIN
FAN1585A-1.5
GND
RL
RP
PARASITIC
LINE RESISTANCE
IN
OUT
VIN
FAN1585A
ADJ
R2*
CONNECT R1 TO CASE
CONNECT R2 TO LOAD
*
R1*
RL
RP
PARASITIC
LINE RESISTANCE
IN
OUT
VIN


Similar Part No. - FAN1585AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585AMX FAIRCHILD-FAN1585AMX Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Similar Description - FAN1585AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com