Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1946S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES1946S
Description  PCI AudioDrive Notebook Solution Product Brief
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES1946S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES1946S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1946S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1946S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1946S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2001 ESS Technology, Inc. All rights reserved.
SAM0217-030601
ES1946 PRODUCT BRIEF
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. patents pending.
AudioDriveis a registered trademark of ESS Technology, Inc.
ESFM is a trademark of ESS Technology, Inc.
Certain audio features of this product manufactured under
a license from Desper Products, Inc., Spatializer and the
circle-in-square device are trademarks owned by Desper
Products, Inc. U. S. Patent numbers #4,308,423,
#4,355,203, #5,412,731.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
ESS Technology, Inc.
48401 Fremont Blvd.
Fremont, CA 94538
Tel: (510) 492-1088
Fax: (510) 492-1898
ORDERING INFORMATION
Names
Pin Numbers
I/O
Descriptions
PCSPKO
53
O
Analog output of PCSPKI with volume control.
PCSPKI
54
Ia
Normally low digital PC speaker signal input. This signal is converted to an analog signal
with volume control and appears on analog output PCSPKO. 5V-tolerant input.
MSO
55
O
MIDI serial data output.
MSI
56
Ia
MIDI serial input. Schmitt trigger input with internal pull-up resistor. Either MPU-401 or
SoundBlaster formats.
SIRQ
57
I/O
Serialized IRQ.
SECLK
58
O
Clock for serial EEPROM. Pull-up to VDDD via external 47k
Ω resistor.
SEDO
59
I
Serial data input from EEPROM.
IISLR
I
Left/Right strobe for I2S interface.
INTAB
60
O
PCI interrupt request.
PCPCIREQB
61
O
PC/PCI serialized DREQ output (optional motherboard PC/PCI implementation).
PCPCIGNTB
62
I
PC/PCI serialized DACK input (optional motherboard PC/PCI implementation).
CLKRUNB
63
I/O
PCI clock state for power management.
PRSTB
65
I
PCI reset.
PCLK
66
I
PCI clock. This clock times all PCI transactions.
GNTB
67
I
PCI busmaster grant.
REQB
68
O
PCI busmaster request, tri-state output.
IDSEL
78
I
PCI device select for configuration.
FRAMEB
90
I/O
PCI cycle frame.
IRDYB
91
I/O
PCI initiator ready.
TRDYB
92
I/O
PCI target ready.
DEVSELB
93
I/O
PCI device select.
STOPB
94
I/O
PCI stop transaction.
LOCKB
95
I/O
PCI lock.
PAR
96
I/O
PCI parity.
a. 1a pins are 5V pins with 3.3V digital supply on VDDD.
Table 1
ES1946 Pin Descriptions (Continued)
Part Number
Description
Package
ES1946S
PCI AudioDrive Controller for Notebook
100-pin LQFP


Similar Part No. - ES1946S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1908A ETC-ES1908A Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
   PCI Audio-Modem Accelerator Product Brief
ES1988S ETC-ES1988S Datasheet
54Kb / 6P
   PCI Audio-Modem Accelerator Product Brief
More results

Similar Description - ES1946S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
logo
ESS Technology,Inc
ES1868 ESS-ES1868 Datasheet
362Kb / 4P
   AudioDrive Solution Product Brief
logo
List of Unclassifed Man...
ES1869 ETC-ES1869 Datasheet
85Kb / 4P
   AudioDrive Solution Product Brief
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
   Canyon3Dä2LE PCI Audio Accelerator Product Brief
logo
List of Unclassifed Man...
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
   PCI Audio-Modem Accelerator Product Brief
logo
Renesas Technology Corp
TSI381 RENESAS-TSI381 Datasheet
289Kb / 3P
   PCIe® to PCI Bridge Product Brief
August 14, 2009
TSI382 RENESAS-TSI382 Datasheet
395Kb / 3P
   PCIe® to PCI Bridge Product Brief
August 14, 2009
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
   QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com