Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM18-MH1 Datasheet(PDF) 2 Page - Formosa MS

Part # SFM18-MH1
Description  Chip Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM18-MH1 Datasheet(HTML) 2 Page - Formosa MS

  SFM18-MH1 Datasheet HTML 1Page - Formosa MS SFM18-MH1 Datasheet HTML 2Page - Formosa MS SFM18-MH1 Datasheet HTML 3Page - Formosa MS SFM18-MH1 Datasheet HTML 4Page - Formosa MS SFM18-MH1 Datasheet HTML 5Page - Formosa MS SFM18-MH1 Datasheet HTML 6Page - Formosa MS SFM18-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
Formosa MS
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space..
High current capability.
High surge current capability.
Glass passivated chip junction.
Features
iny plastic SMD package.
Lead-free parts meet RoHS requirments.
Super fast reovery time for switching mode application.
Suffix "-H" indicates Halogen free parts, ex. SFM11-MH1-H.
T
1.0A Surface Mount
Super Fast Rectifiers-50-600V
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Note 1. Reverse recovery time test condition, I =0.5A, I =1.0A, I =0.25A
2.
FRRR
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
SFM11-MH1
SYMBOLS
Maximum repetitive peak reverse voltage
PARAMETER
SFM12-MH1 SFM13-MH1 SFM14-MH1 SFM15-MH1 SFM16-MH1 SFM17-MH1 SFM18-MH1
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
IO
VDC
VRRM
IFSM
VRMS
Maximum forward voltage at I =1.0A
F
VF
IR
Maximum DC reverse current T =25 C
at rated DC blocking voltage T =125 C
J
J
°
°
CJ
Typical junction capacitance (Note 2)
TSTG
TJ
Operating junction temperature range
Storage temperature range
Maximum reverse recovery time (Note 1)
trr
50
35
50
100
70
100
150
105
150
200
140
200
300
210
300
400
280
400
500
350
500
600
420
600
1.0
25
5.0
100
0.95
1.25
1.70
10
35
-55 to +150
-55 to +150
UNIT
V
V
V
A
A
V
uA
uA
pF
ns
°C
°C
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic,
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
SOD-123H1
Weight : Approximated 0.0103 gram
SFM11-MH1 THRU SFM18-MH1
DS-121460
2014/01/20
-
A
7
Package outline
Dimensions in inches and (millimeters)
SOD-123H1
0.031(0.8) Typ.
0.146(3.7)
0.130(3.3)
0.004(0.1) Typ.
0.031(0.8) Typ.
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
Chip Super Fast Rectifiers


Similar Part No. - SFM18-MH1

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SFM18-MH PACELEADER-SFM18-MH Datasheet
526Kb / 2P
   SUPER FAST RECOVER TYPE
logo
Formosa MS
SFM18-MH FORMOSA-SFM18-MH Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - SFM18-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM31-BS FORMOSA-SFM31-BS Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM11-M FORMOSA-SFM11-M_17 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21-BS FORMOSA-SFM21-BS Datasheet
63Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com