Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD77DGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD77DGKR
Description  3.3-V Full-Duplex RS-485 Transceivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD77DGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD77DGKR Datasheet HTML 5Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 6Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 7Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 8Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 9Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 10Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 11Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 12Page - Texas Instruments SN65HVD77DGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
SN65HVD70, SN65HVD71, SN65HVD73, SN65HVD74, SN65HVD76, SN65HVD77
www.ti.com
SLLSEI9E – MAY 2014 – REVISED OCTOBER 2014
7.9 Switching Characteristics — 20 Mbps
20-Mbps devices (SN65HVD73, SN65HVD74) bit time
≥ 50 ns (over recommended operating conditions)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DRIVER
tr, tf
Driver differential output rise/fall time
4
7
14
ns
tPHL, tPLH
Driver propagation delay
RL = 54 Ω, CL = 50 pF
See Figure 17
4
10
20
ns
tSK(P)
Driver pulse skew, |tPHL – tPLH|
0
4
ns
tPHZ, tPLZ
Driver disable time
12
25
ns
See Figure 18 and
HVD73
Receiver enabled
10
20
ns
Figure 19
tPZH, tPZL
Driver enable time
Receiver disabled
3
8
µs
RECEIVER
tr, tf
Receiver output rise/fall time
5
10
ns
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF
See Figure 20
60
90
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
0
5
ns
tPLZ, tPHZ
Receiver disable time
17
25
ns
HVD73
Driver enabled
See Figure 21
12
90
ns
tpZL(1), tPZH(1)
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled
See Figure 22
3
8
µs
7.10 Switching Characteristics — 50 Mbps
50-Mbps devices (SN65HVD76, SN65HVD77) bit time
≥ 20 ns (over recommended operating conditions)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DRIVER
tr, tf
Driver differential output rise/fall time
2
3
6
ns
tPHL, tPLH
Driver propagation delay
RL = 54 Ω, CL = 50 pF
See Figure 17
3
10
16
ns
tSK(P)
Driver pulse skew, |tPHL – tPLH|
0
3.5
ns
tPHZ, tPLZ
Driver disable time
10
20
ns
See Figure 18 and
HVD76
Receiver enabled
10
20
ns
Figure 19
tPZH, tPZL
Driver enable time
Receiver disabled
3
8
µs
RECEIVER
tr, tf
Receiver output rise/fall time
1
3
6
ns
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF
See Figure 20
25
40
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
0
2
ns
tPLZ, tPHZ
Receiver disable time
8
15
ns
HVD76
Driver enabled
See Figure 21
8
90
ns
tpZL(1), tPZH(1)
Receiver enable time
tPZL(2), tPZH(2)
Driver disabled
See Figure 22
3
8
µs
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD70 SN65HVD71 SN65HVD73 SN65HVD74 SN65HVD76 SN65HVD77


Similar Part No. - SN65HVD77DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD72 TI1-SN65HVD72 Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 29P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72 TI-SN65HVD72 Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI1-SN65HVD72D Datasheet
802Kb / 25P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
SN65HVD72D TI-SN65HVD72D Datasheet
1Mb / 30P
[Old version datasheet]   3.3V-Supply RS-485 with IEC ESD Protection
More results

Similar Description - SN65HVD77DGKR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Texas Instruments
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
[Old version datasheet]   ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
[Old version datasheet]   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com