Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM25 Datasheet(PDF) 4 Page - Formosa MS

Part # SFM25
Description  Chip Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM25 Datasheet(HTML) 4 Page - Formosa MS

  SFM25 Datasheet HTML 1Page - Formosa MS SFM25 Datasheet HTML 2Page - Formosa MS SFM25 Datasheet HTML 3Page - Formosa MS SFM25 Datasheet HTML 4Page - Formosa MS SFM25 Datasheet HTML 5Page - Formosa MS SFM25 Datasheet HTML 6Page - Formosa MS SFM25 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Formosa MS
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
SFM21
S21
SFM22
S22
SFM23
S23
SFM24
S24
SFM25
S25
SFM26
S26
SFM27
S27
SFM28
S28
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.063 (1.60)
A
0.110 (2.80)
C
0.087 (2.20)
PACKAGE
SMA
Page 4
SFM21 THRU SFM28
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121404
2008/02/10
2011/11/18
F
7
Chip Super Fast Rectifiers


Similar Part No. - SFM25

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM25 FORMOSA-SFM25 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM25-B FORMOSA-SFM25-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
SFM25-BS FORMOSA-SFM25-BS Datasheet
63Kb / 7P
   Chip Super Fast Rectifiers
SFM25-L FORMOSA-SFM25-L Datasheet
92Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
SFM25-L FORMOSA-SFM25-L Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
More results

Similar Description - SFM25

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM31-BS FORMOSA-SFM31-BS Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM11-M FORMOSA-SFM11-M_17 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21-BS FORMOSA-SFM21-BS Datasheet
63Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com