Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM22-BS Datasheet(PDF) 6 Page - Formosa MS

Part # SFM22-BS
Description  Chip Super Fast Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM22-BS Datasheet(HTML) 6 Page - Formosa MS

  SFM22-BS Datasheet HTML 1Page - Formosa MS SFM22-BS Datasheet HTML 2Page - Formosa MS SFM22-BS Datasheet HTML 3Page - Formosa MS SFM22-BS Datasheet HTML 4Page - Formosa MS SFM22-BS Datasheet HTML 5Page - Formosa MS SFM22-BS Datasheet HTML 6Page - Formosa MS SFM22-BS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
SFM21-BS THRU SFM28-BS
Reel packing
SMB-S
4,000
8.0
8,000
337*337*37
330
382*356*392
88,000
17.0
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
13"
1.Storage environment: Temperature=5
~40
Humidity=55% 25%
2.Reflow soldering of surface-mount devices
±
oo
CC
Suggested thermal profiles for soldering processes
Profile Feature
Soldering Condition
Average ramp-up rate(T to T )
<3
/sec
Preheat
-Temperature Min(Tsmin)
150
-Temperature Max(Tsmax)
200
-Time(min to max)(t )
60~120sec
Tsmax to T
-Ramp-upRate
<3
/sec
Time maintained above:
-Temperature(T )
217
-Time(t )
60~260sec
Peak Temperature(T )
255
0/ 5
Time within 5
of actual Peak
Temperature(t )
Ramp-down Rate
<6
/sec
Time 25
to Peak Temperature
<6minutes
LP
s
L
L
L
P
P
o
o
o
o
o
oo
o
o
o
C
C
C
C
C
C-
+
C
C
C
C
10~30sec
3.Reflow soldering
Critical Zone
TL to TP
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
t25 C to Peak
o
Time
25
TL
TP
Ramp-down
DS-121442
2010/08/10
2011/07/22
B
7
Chip Super Fast Rectifiers


Similar Part No. - SFM22-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM22-B FORMOSA-SFM22-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - SFM22-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM31-BS FORMOSA-SFM31-BS Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM11-M FORMOSA-SFM11-M_17 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21_17 Datasheet
60Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com