Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF24G Datasheet(PDF) 4 Page - Formosa MS

Part # SF24G
Description  Axial Leaded Super Fast Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF24G Datasheet(HTML) 4 Page - Formosa MS

  SF24G Datasheet HTML 1Page - Formosa MS SF24G Datasheet HTML 2Page - Formosa MS SF24G Datasheet HTML 3Page - Formosa MS SF24G Datasheet HTML 4Page - Formosa MS SF24G Datasheet HTML 5Page - Formosa MS SF24G Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Page 4
2
1
Taping & bulk specifications for AXIAL devices
52.4mm
A
OFF Center
both sids
1.0mm
6.3mm
Max OFF
Alignment
1.2mm
72mm DIA.
355mm
17mm DIA.
55mm Max.
17mm DIA.
71mm Max.
REEL PACKING
DO-15
4,000
5 mm
380 * 340 * 370
16,000
9.9
AMMO PACKING
DO-15
3,000
260 * 83 * 160
440 * 270 * 340
30,000
14.3
Formosa MS
Marking
Type number
Marking code
SF21G
SF21G
SF22G
SF22G
SF23G
SF23G
SF24G
SF24G
SF25G
SF25G
SF26G
SF26G
SF27G
SF27G
SF28G
SF28G
DEVICE
CASE
TYPE
Q'TY 1
(PCS / REEL)
COMPONENT
SPACING
"A" in FIG. A
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
SF21G THRU SF28G
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222412
2008/02/10
2010/05/10
C
6
Axial Leaded Super Fast Rectifiers


Similar Part No. - SF24G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF24G JGD-SF24G Datasheet
162Kb / 2P
   2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF24G LUGUANG-SF24G Datasheet
170Kb / 2P
   2.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Guangdong Juxing Electr...
SF24G JUXING-SF24G Datasheet
788Kb / 2P
   Superfast Recovery Rectitiers
logo
Taiwan Semiconductor Co...
SF24G TSC-SF24G Datasheet
68Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Cystech Electonics Corp...
SF24G CYSTEKEC-SF24G Datasheet
241Kb / 3P
   2.0Amp. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF24G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF31 FORMOSA-SF31_17 Datasheet
146Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21 FORMOSA-SF21_17 Datasheet
152Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51 FORMOSA-SF51_17 Datasheet
119Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF11 FORMOSA-SF11_17 Datasheet
138Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF31G FORMOSA-SF31G Datasheet
88Kb / 6P
   Axial Leaded Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
31DF4 SUNMATE-31DF4 Datasheet
162Kb / 2P
   3.0A Axial Leaded Super- Fast Rectifiers
31DF1 SUNMATE-31DF1 Datasheet
117Kb / 2P
   3.0A Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com