Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CF384 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CF384
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF384 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CF384 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF384 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
(Figures 1, 3 ),T
A =
−40˚C to +85˚C
f = 65 MHz
42
55
mA
ICCTG
Transmitter Supply Current
R
L = 100Ω,
C
L = 5 pF,
f = 32.5 MHz
23
35
mA
16 Grayscale
16 Grayscale Pattern
f = 37.5 MHz
28
40
mA
(Figures 2, 3 ),T
A =
−40˚C to +85˚C
f = 65 MHz
31
45
mA
ICCTZ
Transmitter Supply Current
Power Down = Low
10
55
µA
Power Down
Driver Outputs in TRI-STATE® under
Power Down Mode
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current
C
L = 8 pF,
f = 32.5 MHz
49
65
mA
Worst Case
Worst Case Pattern
f = 37.5 MHz
53
70
mA
(Figures 1, 4 ),T
A =
−40˚C to +85˚C
f = 65 MHz
78
105
mA
ICCRG
Receiver Supply Current,
C
L = 8 pF,
f = 32.5 MHz
28
45
mA
16 Grayscale
16 Grayscale Pattern
f = 37.5 MHz
30
47
mA
(Figures 2, 4 ),T
A =
−40˚C to +85˚C
f = 65 MHz
43
60
mA
ICCRZ
Receiver Supply Current
Power Down = Low
10
55
µA
Power Down
Receiver Outputs Stay Low during
Power Down Mode
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆VOD).
Note 4: VOS previously referred as VCM.
Transmitter Switching Characteristics
Over recommended operating supply and −40˚C to +85˚C ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time
(Figure 3 )
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time
(Figure 3 )
0.75
1.5
ns
TCIT
TxCLK IN Transition Time
(Figure 5 )
5ns
TCCS
TxOUT Channel-to-Channel Skew
(Figure 6 )
250
ps
TPPos0
Transmitter Output Pulse Position for Bit 0
(Figure 17 )
f = 65 MHz
−0.4
0
0.3
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
1.8
2.2
2.5
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
4.0
4.4
4.7
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
6.2
6.6
6.9
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.4
8.8
9.1
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.6
11
11.3
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.8
13.2
13.5
ns
TCIP
TxCLK IN Period
(Figure 7)
15
T
50
ns
TCIH
TxCLK IN High Time
(Figure 7)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time
(Figure 7)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN
(Figure 7 )
f = 65 MHz
2.5
ns
THTC
TxIN Hold to TxCLK IN
(Figure 7 )
0ns
TCCD
TxCLK IN to TxCLK OUT Delay 25˚C, V
CC = 3.3V (Figure 9 )
3.0
3.7
5.5
ns
www.national.com
4


Similar Part No. - DS90CF384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF384 TI1-DS90CF384 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF384A NSC-DS90CF384A Datasheet
439Kb / 18P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
logo
Texas Instruments
DS90CF384A TI1-DS90CF384A Datasheet
1Mb / 19P
[Old version datasheet]   DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF384A TI1-DS90CF384A Datasheet
1Mb / 22P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65MHz
More results

Similar Description - DS90CF384

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383BMTX TI1-DS90CF383BMTX Datasheet
958Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com