Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM107-MH1 Datasheet(PDF) 2 Page - Formosa MS

Part # FFM107-MH1
Description  Chip Fast Recovery Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM107-MH1 Datasheet(HTML) 2 Page - Formosa MS

  FFM107-MH1 Datasheet HTML 1Page - Formosa MS FFM107-MH1 Datasheet HTML 2Page - Formosa MS FFM107-MH1 Datasheet HTML 3Page - Formosa MS FFM107-MH1 Datasheet HTML 4Page - Formosa MS FFM107-MH1 Datasheet HTML 5Page - Formosa MS FFM107-MH1 Datasheet HTML 6Page - Formosa MS FFM107-MH1 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
Formosa MS
1.0A Surface Mount Fast
Recovery Rectifiers-50-1000V
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
iny plastic SMD package.
High current capability.
Fast switching for high efficiency.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen-free parts, ex. FFM101-MH1-H.
T
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
Chip Fast Recovery Rectifiers
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
FFM101-MH1 THRU FFM107-MH1
SYMBOLS
PARAMETER
FFM101-MH1 FFM102-MH1 FFM103-MH1
UNIT
FFM104-MH1 FFM105-MH1 FFM106-MH1 FFM107-MH1
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
IO
1.0
A
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
IFSM
25
A
Maximum forward voltage at IF=1.0A
VF
1.30
V
IR
Maximum DC reverse current TJ =25°C
at rated DC blocking voltage TJ =125°C
5.0
100
uA
uA
CJ
Typical junction capacitance (Note 2)
15
pF
Maximum reverse recovery time (Note 1)
trr
150
ns
250
500
TJ
Operating junction temperature range
-55 to +150
°C
TSTG
Storage temperature range
-65 to +175
°C
DS-121211
2014/01/20
-
A
7
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H1
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0103 gram
Package outline
Dimensions in inches and (millimeters)
SOD-123H1
0.031(0.8) Typ.
0.146(3.7)
0.130(3.3)
0.004(0.1) Typ.
0.031(0.8) Typ.
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
RθJA
Typical thermal resistance junction to ambient
Typical thermal resistance junction to case
73
53
°C/W
RθJC
°C/W


Similar Part No. - FFM107-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM107-MH FORMOSA-FFM107-MH Datasheet
79Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
logo
PACELEADER INDUSTRIAL
FFM107-MH PACELEADER-FFM107-MH Datasheet
236Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
More results

Similar Description - FFM107-MH1

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
   Chip Fast Recovery Rectifiers
FFM301-BS FORMOSA-FFM301-BS Datasheet
98Kb / 7P
   Chip Fast Recovery Rectifiers
FFM201-S FORMOSA-FFM201-S Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
FFM101-M FORMOSA-FFM101-M_17 Datasheet
96Kb / 7P
   Chip Fast Recovery Rectifiers
FFM301 FORMOSA-FFM301_17 Datasheet
97Kb / 7P
   Chip Fast Recovery Rectifiers
FFM201-BS FORMOSA-FFM201-BS Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com