Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM202-BS Datasheet(PDF) 2 Page - Formosa MS

Part # FFM202-BS
Description  Chip Fast Recovery Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM202-BS Datasheet(HTML) 2 Page - Formosa MS

  FFM202-BS Datasheet HTML 1Page - Formosa MS FFM202-BS Datasheet HTML 2Page - Formosa MS FFM202-BS Datasheet HTML 3Page - Formosa MS FFM202-BS Datasheet HTML 4Page - Formosa MS FFM202-BS Datasheet HTML 5Page - Formosa MS FFM202-BS Datasheet HTML 6Page - Formosa MS FFM202-BS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package outline
Page 2
Formosa MS
2.0A Surface Mount Fast
Recovery Rectifiers-50-1000V
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
High current capability.
Fast switching for high efficiency.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen-free parts, ex. FFM201-BS-H.
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
μA
OC
pF
2.0
50
5.0
+175
-65
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
40
100
FFM201-BS
FFM202-BS
FFM203-BS
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =2.0A
F
*5 Maximum Reverse recovery time, note 1
V
F
(V)
*4
FFM204-BS
FFM205-BS
400
600
280
420
1.30
-55 to +150
FFM206-BS
FFM207-BS
800
1000
560
700
t
rr
(ns)
*5
150
250
500
50
100
200
400
600
800
1000
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Maximum ratings and Electrical characteristics (AT T =25
A
oC unless otherwise noted)
FFM201-BS THRU FFM207-BS
Dimensions in inches and (millimeters)
SMB-S
0.220(5.6)
0.205(5.2)
0.020(0.5) Typ.
0.138(3.5)
0.122(3.1)
0.075(1.9)
0.083(2.1)
0.067(1.7)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AA / SMB-S
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.072 gram
Chip Fast Recovery Rectifiers
DS-121201
2012/03/08
-
A
7
Thermal resistance
R
θJA
OC/W
50
Junction to ambient
Junction to case
30
R
θJC


Similar Part No. - FFM202-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM202-L FORMOSA-FFM202-L Datasheet
71Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
FFM202-S FORMOSA-FFM202-S Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
More results

Similar Description - FFM202-BS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-S FORMOSA-FFM101-S Datasheet
99Kb / 7P
   Chip Fast Recovery Rectifiers
FFM301-BS FORMOSA-FFM301-BS Datasheet
98Kb / 7P
   Chip Fast Recovery Rectifiers
FFM201-S FORMOSA-FFM201-S Datasheet
95Kb / 7P
   Chip Fast Recovery Rectifiers
FFM101-M FORMOSA-FFM101-M_17 Datasheet
96Kb / 7P
   Chip Fast Recovery Rectifiers
FFM301 FORMOSA-FFM301_17 Datasheet
97Kb / 7P
   Chip Fast Recovery Rectifiers
FFM101-MH1 FORMOSA-FFM101-MH1 Datasheet
96Kb / 7P
   Chip Fast Recovery Rectifiers
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com