Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212BJ105KGT Datasheet(PDF) 3 Page - Texas Instruments

Part # LMK212BJ105KGT
Description  REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK212BJ105KGT Datasheet(HTML) 3 Page - Texas Instruments

  LMK212BJ105KGT Datasheet HTML 1Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 2Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 3Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 4Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 5Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 6Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 7Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 8Page - Texas Instruments LMK212BJ105KGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS60111
REGULATED 5V 150mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS216B − JUNE 1999 − JUNE 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings (unless otherwise noted)†‡
Input voltage range, VI (IN, OUT, ENABLE, SKIP, COM, CLK, FB, SYNC)
−0.3 V to 5.5 V
. . . . . . . . . . . . . . . .
Differential input voltage, VID (C1+, C2+ to GND)
−0.3 V to (VO + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (C1−, C2− to GND)
−0.3 V to (VIN + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10s
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ VENABLE, VSKIP, VCOM, VCLK and VSYNC can exceed VIN up to the maximum rated voltage without increasing the leakage current
drawn by these mode select inputs.
DISSIPATION RATING TABLE 1 − FREE-AIR TEMPERATURE (see Figure 3)
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
TA ≤ 25 C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70 C
POWER RATING
TA = 85 C
POWER RATING
PWP
700 mW
5.6 mW/
°C
448 mW
364 mW
DISSIPATION RATING TABLE 2 − CASE TEMPERATURE (see Figure 4)
PACKAGE
TC ≤ 62.5°C
DERATING FACTOR
TC = 70°C
TC = 85°C
PACKAGE
TC ≤ 62.5 C
POWER RATING
DERATING FACTOR
ABOVE TC = 62.5°C
TC = 70 C
POWER RATING
TC = 85 C
POWER RATING
PWP
25 W
285.7 mW/
°C
22.9 W
18.5 W
Figure 3
1200
800
400
0
25
50
75
100
DISSIPATION DERATING CURVE§
vs
FREE-AIR TEMPERATURE
125
150
1400
1000
600
200
PWP Package
RθJA = 178°C/W
TA − Free-Air Temperature − °C
Figure 4
MAXIMUM CONTINUOUS DISSIPATION§
vs
CASE TEMPERATURE
TC − Case Temperature − °C
15
10
5
0
25
50
75
100
20
25
30
125
150
Measured with the exposed thermal pad
coupled to an infinite heat sink with a
thermally conductive compound (the
thermal conductivity of the compound
is 0.815 W/m
⋅°C). The RθJC is 3.5°C/W.
PWP Package
§ Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150°C.
It is recommended not to exceed a junction temperature of 125
°C.


Similar Part No. - LMK212BJ105KGT

ManufacturerPart #DatasheetDescription
logo
AUK corp
LMK212BJ105KG AUK-LMK212BJ105KG Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
logo
Texas Instruments
LMK212BJ105KG TI-LMK212BJ105KG Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
LMK212BJ105KG-T TI1-LMK212BJ105KG-T Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - LMK212BJ105KGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60111 TI-TPS60111_15 Datasheet
978Kb / 25P
[Old version datasheet]   REGULATER 5-V 150-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
[Old version datasheet]   REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
[Old version datasheet]   REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3110 HMSEMI-HM3110 Datasheet
417Kb / 6P
   Low noise charge pump DC/DC converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com