Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM101-MS Datasheet(PDF) 6 Page - Formosa MS

Part # FFM101-MS
Description  SMD Fast Recovery Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FFM101-MS Datasheet(HTML) 6 Page - Formosa MS

  FFM101-MS Datasheet HTML 1Page - Formosa MS FFM101-MS Datasheet HTML 2Page - Formosa MS FFM101-MS Datasheet HTML 3Page - Formosa MS FFM101-MS Datasheet HTML 4Page - Formosa MS FFM101-MS Datasheet HTML 5Page - Formosa MS FFM101-MS Datasheet HTML 6Page - Formosa MS FFM101-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
FFM101-MS THRU FFM107-MS
Reel packing
SOD-123S
7"
3,000
4.0
30,000
183*123*183
178
382*257*387
240,000
9.5
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
DS-121206
2012/07/30
-
A
7
SMD Fast Recovery Rectifiers


Similar Part No. - FFM101-MS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-M FORMOSA-FFM101-M Datasheet
69Kb / 2P
   Fast recovery type
logo
Gaomi Xinghe Electronic...
FFM101-M GXELECTRONICS-FFM101-M Datasheet
353Kb / 2P
   Fast recovery type
logo
Formosa MS
FFM101-M FORMOSA-FFM101-M Datasheet
101Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
PACELEADER INDUSTRIAL
FFM101-M PACELEADER-FFM101-M Datasheet
210Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
FFM101-M WINNERJOIN-FFM101-M Datasheet
150Kb / 2P
   Fast recovery type
More results

Similar Description - FFM101-MS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
CFRC301-G COMCHIP-CFRC301-G_12 Datasheet
63Kb / 2P
   SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
   SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G_12 Datasheet
96Kb / 4P
   SMD Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com