Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK212BJ225MG-T Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK212BJ225MG-T
Description  REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK212BJ225MG-T Datasheet(HTML) 5 Page - Texas Instruments

  LMK212BJ225MG-T Datasheet HTML 1Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 2Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 3Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 4Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 5Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 6Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 7Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 8Page - Texas Instruments LMK212BJ225MG-T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS60101
REGULATED 3.3V 100mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS214B − JUNE 1999 − REVISED AUGUST 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics for preregulated 3.8-V Mode (V(3V8) = VIN), at CIN = 10 µF,
C1F = C2F = 2.2 µF, CO = 22 µF, TC = −40°C to 85°C, VIN = 2.4 V, VFB = VO, VENABLE = VIN,
VSKIP = VIN or 0 V and VCOM = VSYNC = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.2
3.6
V
IO(MAX)
Maximum output current
100
mA
VO
Output voltage
2.2 V < VIN < 3.6 V,
0 < IO < 100 mA
3.6
3.8
4
V
IO(LEAK)
Output leakage current
VENABLE = 0 V
1
µA
IQ
Quiescent current
VSKIP = VIN
60
µA
IQ
Quiescent current
(no-load input current)
VSKIP = 0 V
2
mA
IDD(SDN) Shutdown supply current
VENABLE = 0 V
0.05
1
µA
fOSC
Internal switching frequency
200
300
400
kHz
Short circuit current
VO = 0 V,
TC = 25°C
125
mA
† Use only ceramic capacitors with X5R or X7R dielectric as flying capacitors.


Similar Part No. - LMK212BJ225MG-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK212BJ225MG-T TAIYO-YUDEN-LMK212BJ225MG-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - LMK212BJ225MG-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com