Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25100ZXI-XXXWT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY25100ZXI-XXXWT
Description  Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25100ZXI-XXXWT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY25100ZXI-XXXWT Datasheet HTML 1Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 2Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 3Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 4Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 5Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 6Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 7Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 8Page - Cypress Semiconductor CY25100ZXI-XXXWT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY25100
Document #: 38-07499 Rev. *D
Page 4 of 11
Absolute Maximum Rating
Supply Voltage (VDD) ........................................–0.5 to +7.0V
DC Input Voltage...................................... –0.5V to VDD + 0.5
Storage Temperature (Non-condensing).....–55
°C to +125°C
Junction Temperature ................................ –40
°C to +125°C
Data Retention @ Tj = 125
°C................................> 10 years
Package Power Dissipation...................................... 350 mW
Static Discharge Voltage.......................................... > 2000V
(per MIL-STD-883, Method 3015)
Recommended Crystal Specifications
Parameter
Description
Comments
Min. Typ. Max. Unit
FNOM
Nominal Crystal Frequency
Parallel resonance, fundamental mode, AT cut
8
30
MHz
CLNOM
Nominal Load Capacitance
Internal load caps
6
30
pF
R1
Equivalent Series Resistance (ESR)
Fundamental mode
25
R3/R1
Ratio of Third Overtone Mode ESR to
Fundamental Mode ESR
Ratio used because typical R1 values are much
less than the maximum spec
3–
DL
Crystal Drive Level
No external series resistor assumed
0.5
2
mW
Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.13
3.30
3.45
V
TA
Ambient Commercial Temperature
0
70
°C
Ambient Industrial Temperature
–40
85
°C
CLOAD
Max. Load Capacitance @ pin 6 and pin 7
15
pF
Fref
External Reference Crystal
(Fundamental tuned crystals only)
8–
30
MHz
External Reference Clock
8
166
MHz
FSSCLK
SSCLK output frequency, CLOAD = 15 pF
3
200
MHz
FREFCLK
REFCLK output frequency, CLOAD = 15 pF
8
166
MHz
FMOD
Spread Spectrum Modulation Frequency
30.0
31.5
33.0
kHz
TPU
Power-up time for all VDDs to reach minimum spec-
ified voltage (power ramp must be monotonic)
0.05
500
ms
DC Electrical Characteristics
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD = 3.3V (source)
10
12
mA
IOL
Output Low Current
VOL = 0.5, VDD= 3.3V (sink)
10
12
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7VDD
–VDD
V
VIL
Input Low Voltage
CMOS levels, 30% of VDD
––
0.3VDD
V
IIH
Input High Current, PD#/OE and
SSON# pins
Vin = VDD
––
10
µA
IIL
Input Low Current, PD#/OE and
SSON# pins
Vin = VSS
––
10
µA
IOZ
Output Leakage Current
Three-state output, PD#/OE = 0
–10
10
µA
CXIN or CXOUT[1]
Programmable Capacitance at pin
2 and pin 3
Capacitance at minimum setting
12
pF
Capacitance at maximum setting
60
pF
CIN[1]
Input Capacitance at pin 4 and pin
8
Input pins excluding XIN and XOUT
5
7
pF
IVDD
Supply Current
VDD = 3.45V, Fin = 30 MHz,
REFCLK = 30 MHz, SSCLK = 66 MHz,
CLOAD = 15 pF, PD#/OE = SSON# = VDD
–25
35
mA
IDDS
Standby current
VDD = 3.45V, Device powered down with
PD# = 0V (driven reference pulled down)
–15
30
µA
Notes:
1. Guaranteed by characterization, not 100% tested.


Similar Part No. - CY25100ZXI-XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100ZXI-XXXWT CYPRESS-CY25100ZXI-XXXWT Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25100ZXI-XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com