Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SXC-1H Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2308SXC-1H
Description  3.3V Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SXC-1H Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2308SXC-1H Datasheet HTML 1Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 2Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 3Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 4Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 5Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 6Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 7Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 8Page - Cypress Semiconductor CY2308SXC-1H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY2308
Document #: 38-07146 Rev. *C
Page 5 of 14
Switching Characteristics for CY2308SC-XX Commercial Temperature Devices [8]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
t1
Output Frequency
30-pF load, All devices
10
100
MHz
t1
Output Frequency
20-pF load, –1H, –5H devices[9]
10
133.3
MHz
t1
Output Frequency
15-pF load, –1, –2, –3, –4 devices
10
133.3
MHz
Duty Cycle[7] = t2 ÷ t1
(–1, –2, –3, –4, –1H, –5H)
Measured at 1.4V, FOUT = 66.66 MHz
30-pF load
40.0
50.0
60.0
%
Duty Cycle[7] = t2 ÷ t1
(–1, –2, –3, –4, –1H, –5H)
Measured at 1.4V, FOUT <50.0 MHz
15-pF load
45.0
50.0
55.0
%
t3
Rise Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
30-pF load
2.20
ns
t3
Rise Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
15-pF load
1.50
ns
t3
Rise Time[7]
(–1H, –5H)
Measured between 0.8V and 2.0V,
30-pF load
1.50
ns
t4
Fall Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
30-pF load
2.20
ns
t4
Fall Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
15-pF load
1.50
ns
t4
Fall Time[7]
(–1H, –5H)
Measured between 0.8V and 2.0V,
30-pF load
1.25
ns
t5
Output to Output Skew on
same Bank
(–1, –2, –3, –4)[7]
All outputs equally loaded
200
ps
Output to Output Skew
(–1H, –5H)
All outputs equally loaded
200
ps
Output Bank A to Output
Bank B Skew (–1, –4, –5H)
All outputs equally loaded
200
ps
Output Bank A to Output
Bank B Skew (–2, –3)
All outputs equally loaded
400
ps
t6
Delay, REF Rising Edge to
FBK Rising Edge[7]
Measured at VDD/2
0
±250
ps
t7
Device to Device Skew[7]
Measured at VDD/2 on the FBK pins of
devices
0700
ps
t8
Output Slew Rate[7]
Measured between 0.8V and 2.0V on –1H,
–5H device using Test Circuit #2
1V/ns
tJ
Cycle to Cycle Jitter[7]
(–1, –1H, –4, –5H)
Measured at 66.67 MHz, loaded outputs,
15-pF load
200
ps
Measured at 66.67 MHz, loaded outputs,
30-pF load
200
ps
Measured at 133.3 MHz, loaded outputs,
15-pF load
100
ps
tJ
Cycle to Cycle Jitter[7]
(–2, –3)
Measured at 66.67 MHz, loaded outputs
30-pF load
400
ps
Measured at 66.67 MHz, loaded outputs
15-pF load
400
ps
tLOCK
PLL Lock Time[7]
Stable power supply, valid clocks presented
on REF and FBK pins
1.0
ms
Notes:
8. All parameters are specified with loaded outputs.
9. CY2308–5H has maximum input frequency of 133.33 MHz and maximum output of 66.67 MHz.


Similar Part No. - CY2308SXC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SXC-1H CYPRESS-CY2308SXC-1H Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-1H CYPRESS-CY2308SXC-1H Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-1H CYPRESS-CY2308SXC-1H Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
CY2308SXC-1HT CYPRESS-CY2308SXC-1HT Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-1HT CYPRESS-CY2308SXC-1HT Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SXC-1H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com