Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T494C106M010AS Datasheet(PDF) 4 Page - Texas Instruments

Part # T494C106M010AS
Description  REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

T494C106M010AS Datasheet(HTML) 4 Page - Texas Instruments

  T494C106M010AS Datasheet HTML 1Page - Texas Instruments T494C106M010AS Datasheet HTML 2Page - Texas Instruments T494C106M010AS Datasheet HTML 3Page - Texas Instruments T494C106M010AS Datasheet HTML 4Page - Texas Instruments T494C106M010AS Datasheet HTML 5Page - Texas Instruments T494C106M010AS Datasheet HTML 6Page - Texas Instruments T494C106M010AS Datasheet HTML 7Page - Texas Instruments T494C106M010AS Datasheet HTML 8Page - Texas Instruments T494C106M010AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS60101
REGULATED 3.3V 100mA LOW NOISE
CHARGE PUMP DC/DC CONVERTER
SLVS214B − JUNE 1999 − REVISED AUGUST 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at CIN = 10 µF, C1F = C2F = 2.2 µF, CO = 22 µF, TC = −40°C to 85°C,
VIN =2V, VFB =VO, VENABLE =VIN, VSKIP =VIN or 0 V and VCOM =V3V8 =VSYNC = 0 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
1.8
3.6
V
VIN(UV)
Input undervoltage lockout threshold
1.6
1.8
V
IO(MAX)
Maximum output current
100
mA
VO
Output voltage
1.8 V < VIN < 2 V,
0 < IO < 50 mA,
VO(Start-Up) = 3.3 V,
TC = 25°C
3.17
3.3
3.43
V
VO
Output voltage
2 V < VIN < 3.3 V,
0 < IO < 100 mA
3.17
3.3
3.43
V
3.3 V < VIN < 3.6 V,
0 < IO < 100 mA
3.17
3.3
3.47
VO(RIP)
Output voltage ripple
IO = 100 mA,
VSKIP = 0 V
5‡
mVPP
IO(LEAK)
Output leakage current
VIN = 2.4 V,
VENABLE = 0 V
1
µA
IQ
Quiescent current
VSKIP = VIN = 2.4 V
50
90
µA
IQ
Quiescent current
(no-load input current)
VSKIP = VIN = 2.4 V
VSKIP = 0 V,
VIN = 2.4 V
1.5
mA
IDD(SDN)
Shutdown supply current
VIN = 2.4 V,
VENABLE = 0 V
0.05
1
µA
fOSC(int)
Internal switching frequency
VIN = 2.4 V
200
300
400
kHz
fOSC(ext)
External clock frequency
VSYNC = VIN,VIN = 1.8V to 3.6 V
400
600
800
kHz
External clock duty cycle
VSYNC = VIN,VIN = 1.8V to 3.6 V
20%
80%
Efficiency
IO = 50 mA
80%
VINL
Input voltage low,
ENABLE, SKIP, COM, 3V8, SYNC
VIN = 1.8 V
0.3
×
VIN
V
VINH
Input voltage high,
ENABLE, SKIP, COM, 3V8, SYNC
VIN = 3.6 V
0.7
×
VIN
V
II(LEAK)
Input leakage current,
ENABLE, SKIP, COM, 3V8, SYNC
VENABLE = VSKIP = VCOM = V3V8 =
VSYNC = VGND or VIN
0.01
0.1
µA
Output load regulation
VO = 3.3 V,
1 mA < IO < 100 mA
TC = 25°C
0.004
%/mA
Output line regulation
2 V < VIN < 3.3 V,
VO = 3.3 V,
IO = 50 mA,
TC = 25°C
0.6
%/V
Short circuit current
VIN = 2.4 V
VO = 0 V,
TC = 25°C
125
mA
† Use only ceramic capacitors with X5R or X7R dielectric as flying capacitors.
‡ Achieved with CO = 22 µF X5R dielectric ceramic capacitor


Similar Part No. - T494C106M010AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494C106M010AS KEMET-T494C106M010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494C106M010AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com